Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AML21GBA2AC Fiches technique(PDF) 9 Page - Honeywell Solid State Electronics Center

No de pièce AML21GBA2AC
Description  Manual Switches Advanced Manual Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML21GBA2AC Fiches technique(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button AML21GBA2AC Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 9Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 10Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 11Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 12Page - Honeywell Solid State Electronics Center AML21GBA2AC Datasheet HTML 13Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Manual Switches
AML Series
Mounting Dimensions (For Reference Only)
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
49
TERMINAL LOCATIONS FOR AML10 SWITCHES
PUSHBUTTONS
Solder and Quick-Connect
Printed Circuit
Illuminated devices shown (non-illuminated devices do not have lamp terminals).
ROCKERS AND PADDLES
Solder and Quick-Connect
Printed Circuit
One Integrated Circuit
Two Integrated Circuits
One Integrated Circuit
Two Integrated Circuits
Illuminated devices shown (non-illuminated devices do not have lamp terminals)
TERMINAL LOCATIONS FOR AML41 INDICATORS
Solder and Quick-Connect
1 Incandescent
Lamp Circuit
1 Incandescent
Lamp Circuit
2 Incandescent
Lamp Circuits
2 Incandescent
Lamp Circuits
1-3 Incandescent
Lamp Circuits
Printed Circuit
1 Incandescent
1 Incandescent
2 Incandescent
2 Incandescent
1-3 Incandescent
Lamp Circuit
Lamp Circuit
Lamp circuits
Lamp Circuits
Lamp Circuits
TERMINAL LOCATIONS FOR AML42 INDICATORS
Solder and Quick-Connect
Printed Circuit
1 LED Circuit
1 LED Circuit
1 LED Circuit
1 LED Circuit
NOTE
1
Dimensions are MM or MM/IN
IN
Manufacturer’s logo on this side of
housing
4
– Lamp terminals are not provided for
non-illuminated devices
positive terminal ident. (+) marked this
side of housing
1 – lamp termination identified by ‘‘B’’.
2 – lamp termination identified by ‘‘A’’
and ‘‘C’’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13