Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AML22C Fiches technique(PDF) 1 Page - Honeywell Solid State Electronics Center

No de pièce AML22C
Description  Electronic Control Pushbutton
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML22C Fiches technique(HTML) 1 Page - Honeywell Solid State Electronics Center

  AML22C Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML22C Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manual Switches
AML21 Series
Electronic Control Pushbutton
26
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
INCANDESCENT OR NON-LIGHTED DISPLAY
Buttons ordered separately.
Electrical Data
page 19
Buttons
page 43
Lamps and LEDs
page 58
Accessories
pages 56, 57
Mounting Dimensions
pages 59, 62
FEATURES
1, 2, or 4 poles.
Silver or gold contacts.
Full guard bezel option.
Momentary or 2-level alternate action
(push-on, push-off).
UL recognized, CSA certified.
Lamps can be furnished installed or
ordered separately.
Lamp circuit independent of switch circuit.
*
*
*AML21 Series: 1 pole and 2-pole
only.
AML21 ORDER GUIDE
AML21 B
B
A
2
AA
Housing
Bezel
Incandescent
Terminal
Circuitry Codes
Type
Color
Lamp Type
Type
(Each pole has double-throw)
Standard Bezel:
B
A
2
Silver
Mom. Action
AML21B
Square Non-Lighted
AML21C
Square 1 Lamp Ckt.
AML21E
Rect. Non-Lighted
AML21F
Rect. 1 Lamp Ckt.
AML21G
Rect. 2 Lamp Ckts.
Full Guard Bezel:
AML21H
Square Non-Lighted
AML21J
Square 1 Lamp Ckt.
AML21K
Rect. Non-Lighted
AML21L
Rect. 1 Lamp Ckt.
AML21M
Rect. 2 Lamp Ckts.
Black
No Lamp
Installed
B
6 V Lamp*
C
14 V Lamp*
E
28 V Lamp*
.110 × .020
(Solder or
Quick-Connect)
3
.025 × .025
(Printed Ckt. or
Push-On)
Contacts
AA 1-Pole
AC 2-Pole
CC 4-Pole
Alt. Action
AB 1-Pole
AD 2-Pole
CD 4-Pole
Gold
Contacts
Mom. Action
BA 1-Pole
BC 2-Pole
DC 4-Pole
Alt. Action
BB 1-Pole
BD 2-Pole
DD 4-Pole
Gold-Plated
Silver
Contacts
Mom. Action
EA 1-Pole
EC 2-Pole
Alt. Action
EB 1-Pole
ED 2-Pole
* Lamps will be installed per each lamp circuit specified in the Housing Type.
Example: AML21BBA2AA
Square pushbutton switch housing non-
lighted; black bezel; .110 × .020 termina-
tion; momentary action; 1-pole, double-
throw; silver contacts.


Numéro de pièce similaire - AML22C

FabricantNo de pièceFiches techniqueDescription
logo
Altech corporation
AML2 ALTECH-AML2 Datasheet
349Kb / 1P
30 mm Non-Illuminated Mushroom with Indicated Arrows AMLx
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
NPN Epitaxial Planar Silicon Transistor LED Back Light
logo
ON Semiconductor
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
logo
Honeywell Solid State E...
AML21B HONEYWELL-AML21B Datasheet
1Mb / 13P
Manual Switches Advanced Manual Line
AML21BBA2AA HONEYWELL-AML21BBA2AA Datasheet
206Kb / 3P
MICRO SWITCH™ Pushbutton Switches Line Guide
April 2014
More results

Description similaire - AML22C

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
ELECTRONIC VOLUME CONTROL
19-Jun-2001
logo
Mallory performance clu...
686M MALLORY-686M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
686M MALLORY-686M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com