Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1LS131 Fiches technique(PDF) 26 Page - Honeywell Solid State Electronics Center

No de pièce 1LS131
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS131 Fiches technique(HTML) 26 Page - Honeywell Solid State Electronics Center

Back Button 1LS131 Datasheet HTML 22Page - Honeywell Solid State Electronics Center 1LS131 Datasheet HTML 23Page - Honeywell Solid State Electronics Center 1LS131 Datasheet HTML 24Page - Honeywell Solid State Electronics Center 1LS131 Datasheet HTML 25Page - Honeywell Solid State Electronics Center 1LS131 Datasheet HTML 26Page - Honeywell Solid State Electronics Center 1LS131 Datasheet HTML 27Page - Honeywell Solid State Electronics Center 1LS131 Datasheet HTML 28Page - Honeywell Solid State Electronics Center 1LS131 Datasheet HTML 29Page - Honeywell Solid State Electronics Center 1LS131 Datasheet HTML 30Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
26 sensing.honeywell.com
LS Series
Figure 14. 201LS10 Dimensions
87,25 [3.435]
34,29
[1.35]
43,18 [1.7]
Ø 6,53 [0.26]
Mtg Hole
(Thru) (2)
77,45
[3.05]
57,15
[2.25]
37,49 [1.476]
4,57
[0.18]
18,8
[0.74]
67,67
[2.664]
6,35
[0.25]
29,72
[1.17]
12,7 [0.50]
26,16 [1.03]
25,4
[1.00]
1/4-20 UNC
mod thread x
14,27 [0.562 ]
min. depth (3)
141,22
[5.56] max.
(adjustable)
3,18 [0.125]
aluminum lever
6,35
[0.25]
48,8 [1.92]
15,24
[0.60]
Figure 15. 202LS1 Dimensions
5,08
[0.20]
Ø 16,76 [0.66]
Ø 9,07 [0.36]
47,37 [1.87]
13,08
[0.52]
33,78 ±0,762
[1.33 ±0.03]
operating position
1,65
[0.065] max.
pretravel
Corrosion-
resistant
steel plunger
26,16 [1.03]
34,29
[1.35]
Ø 6,53 [0.26]
Mtg Hole
(Thru) (2)
77,45
[3.05]
15,24
[0.60]
57,15
[2.25]
37,49 [1.476]
4,57
[0.18]
18,8
[0.74]
67,67
[2.664]
6,35
[0.25]
29,72
[1.17]
12,7 [0.50]
1/4-20 UNC
mod thread x
14,27 [0.562 ]
min. depth (3)
48,8 [1.92]
Figure 16. 203LS1 Dimensions
Figure 17. 204LS1 Dimensions
90,93 [3.58]
29,72
[1.17]
25,4
[1.00]
17,8
[0.7]
40,64 [1.60]
operating position
2,77
[0.109] max.
pretravel
26,16 [1.03]
34,29
[1.35]
Ø 6,53 [0.26]
Mtg Hole
(Thru) (2)
77,45
[3.05]
57,15
[2.25]
37,49 [1.476]
4,57
[0.18]
18,8
[0.74]
67,67
[2.664]
6,35
[0.25]
12,7 [0.50]
1/4-20 UNC
mod thread x
14,27 [0.562]
min. depth (3)
13,21 [0.52]
15,24
[0.60]
48,8 [1.92]
104,14 [4.10]
27,94
[1.1]
13,08 [0.52]
47,37 [1.865]
17,78
[0.7]
54,10 ±0,762
[2.13 ±0.03]
operating position
2,77 [0.109]
max. pretravel
26,16 [1.03]
34,29
[1.35]
Ø 6,53 [0.26]
Mtg Hole
(Thru) (2)
77,45
[3.05]
57,15
[2.25]
37,49 [1.476]
4,57
[0.18]
18,8
[0.74]
67,67
[2.664]
6,35
[0.25]
29,72
[1.17]
12,7 [0.50]
1/4-20 UNC
mod thread x
14,27 [0.562]
min. depth (3)
15,24
[0.60]
48,8 [1.92]
Figure 18. 205LS1 Dimensions
27,94
[1.10]
5,08
[0.20]
47,37 [1.87]
26,16 [1.03]
34,29
[1.35]
Ø 6,53 [0.26]
Mtg Hole
(Thru) (2)
77,45
[3.05]
57,15
[2.25]
4,57
[0.18]
18,8
[0.74]
67,67
[2.664]
6,35
[0.25]
29,72
[1.17]
12,7 [0.50]
1/4-20 UNC
mod thread x
14,27 [0.562]
min. depth (3)
43,94 ±0,762
[1.73 ±0.03]
operating position
1,65 [0.065]
max. pretravel
Ø 16,66 [Ø 0.656] x
4,78 [0.188] wide
corrosion-resistant
steel roller and plunger
13,21
[0.52]
16,76 [0.66]
15,24
[0.60]
37,49 [1.476]
48,8 [1.92]
Figure 19. 206LS1 Dimensions
64,39[2.535]
34,29
[1.35]
92,2 [3.63]
46,23 [1.82]
13,97 [0.55]
38,1
[1.50] R
26,16 [1.03]
14,68 ±0,762
[0.578 ±0.030]
Ø 19,05 x 6,35 wide
[Ø 0.75 x 0.25 wide]
hardened steel roller
5,08
[0.20]
34,29
[1.35]
Ø 6,53 [0.26]
Mtg Hole
(Thru) (2)
77,45
[3.05]
15,24
[0.60]
57,15
[2.25]
37,49 [1.476]
4,57
[0.18]
18,8
[0.74]
67,67
[2.664]
6,35
[0.25]
29,72
[1.17]
12,7 [0.50]
1/4-20 UNC
mod thread x
14,27 [0.562]
min. depth (3)
48,8 [1.92]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31