Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1LS23 Fiches technique(PDF) 2 Page - Honeywell Solid State Electronics Center

No de pièce 1LS23
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS23 Fiches technique(HTML) 2 Page - Honeywell Solid State Electronics Center

  1LS23 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1LS23 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1LS23 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1LS23 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1LS23 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1LS23 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1LS23 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1LS23 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1LS23 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2 sensing.honeywell.com
What makes our switches better?
Small size and universal mounting footprint may allow for use in
constricted spaces
IP67 and NEMA 1, 3, 4, 6 and 13 ratings available provide a
dependable solution in most demanding environmental conditions
Rugged die-cast metal construction with a wide variety of heads
and actuators provides long life across numerous applications
MICRO SWITCH™ legacy and expertise - over 55 years of
engineering excellence and experience with industrial limit
switches
MICRO SWITCH™ LS
General Purpose Limit Switches
The Honeywell MICRO SWITCH™ Compact LS Limit Switch Series offers products that have a long record of successful
performance in a diverse range of industrial applications. Under severe conditions, its durable and dependable design provides
longevity, precision, and consistent repeatability over millions of operations.
The compact size and adjustable features propel the LS Series to flourish in a variety of settings under space constraint without
sacrificing reliability. Its construction is oil-tight, water-tight and dust tight, and includes die-cast housing, heads and actuators.
An assortment of heads and actuators provides a solution for a variety of applications.
QUALITY, RELIABLE
RUGGED, GLOBAL
Rugged, metal housing
packaged for industrial indoor
and outdoor applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31