Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS-308 Fiches technique(PDF) 4 Page - Honeywell Solid State Electronics Center

No de pièce JS-308
Description  MICRO SWITCH™ HM Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-308 Fiches technique(HTML) 4 Page - Honeywell Solid State Electronics Center

  JS-308 Datasheet HTML 1Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 sensing.honeywell.com
MILITARY AIRCRAFT AND HELICOPTERS
• Detects landing gear bay doors in closed and locked position
• Senses engine fuel valve position
• Identifies when external hatches and doors are in closed and/or locked position
COMMERCIAL AIRCRAFT AND HELICOPTERS
• Detects landing gear bay doors in closed and locked position
• Senses engine fuel valve position
• Identifies when external hatches and doors are in closed and/or locked position
• Miscellaneous applications inside commercial aircraft cabin, including waste
management valve position, refreshment (liquids and food) stowed and locked
position, HVAC, and oxygen valve position
AVIATION GROUND SUPPORT EQUIPMENT
• Monitor position of valves, doors or panels, for open, closed, or locked position
SPACECRAFT
• Identifies when external hatches and doors are in closed and/or locked position
• Senses engine fuel valve position
• Select sensing applications inside spacecraft cabin
POWER GENERATION, OIL AND GAS
• Internal switch element in pressure switches, temperature switches, and/or flow
switches
Potential Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12