| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72325 Fiches technique(PDF) 179 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72325 Fiches technique(HTML) 179 Page - STMicroelectronics |
|
179 / 196 page ![]() 179/196 13.3 SOLDERING INFORMATION In accordance with the RoHS European directive, all STMicroelectronics packages have been con- verted to lead-free technology, named ECO- PACKTM. ■ ECOPACK TM packages are qualified according to the JEDEC STD-020B compliant soldering profile. ■ Detailed information on the STMicroelectronic ECOPACKTM program is available on www.st.com/stonline/leadfree/, with specific technical Application notes covering the main technical aspects related to lead-free conversion (AN2033, AN2034, AN2035, AN2036). |