Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce ST16
Description  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 Fiches technique(HTML) 2 Page - STMicroelectronics

  ST16 Datasheet HTML 1Page - STMicroelectronics ST16 Datasheet HTML 2Page - STMicroelectronics ST16 Datasheet HTML 3Page - STMicroelectronics ST16 Datasheet HTML 4Page - STMicroelectronics ST16 Datasheet HTML 5Page - STMicroelectronics ST16 Datasheet HTML 6Page - STMicroelectronics ST16 Datasheet HTML 7Page - STMicroelectronics ST16 Datasheet HTML 8Page - STMicroelectronics ST16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
USE IN LIFE SUPPORT DEVICES OR SYSTEMS MUST BE EXPRESSLY AUTHORIZED.
ST PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF STMicroelectronics.
As used herein:
1. Life support devices or systems are those which (a)
are intended for surgical implant into the body, or (b)
support or sustain life, and whose failure to perform,
when properly used in accordance with instructions for
use provided with the product, can be reasonably ex-
pected to result in significant injury to the user.
2. A critical component is any component of a life sup-
port device or system whose failure to perform can rea-
sonably be expected to cause the failure of the life
support device or system, or to affect its safety or effec-
tiveness.
The present document contains CONFIDENTIAL INFORMATION.
Please refer to last page for obligations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21