Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1013782 Fiches technique(PDF) 9 Page - PHOENIX CONTACT

No de pièce 1013782
Description  Sensor/Actuator cable - SAC-12P-MS/ 5,0-PUR SCO - 1430556
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1013782 Fiches technique(HTML) 9 Page - PHOENIX CONTACT

  1013782 Datasheet HTML 1Page - PHOENIX CONTACT 1013782 Datasheet HTML 2Page - PHOENIX CONTACT 1013782 Datasheet HTML 3Page - PHOENIX CONTACT 1013782 Datasheet HTML 4Page - PHOENIX CONTACT 1013782 Datasheet HTML 5Page - PHOENIX CONTACT 1013782 Datasheet HTML 6Page - PHOENIX CONTACT 1013782 Datasheet HTML 7Page - PHOENIX CONTACT 1013782 Datasheet HTML 8Page - PHOENIX CONTACT 1013782 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1430556
12/22/2016   Page 9 / 9
Sensor/Actuator cable - SAC-12P-MS/ 5,0-PUR SCO - 1430556
Accessories
Torque screwdriver - TSD-M 1,2NM - 1212224
Torque screw driver, accuracy as per EN ISO 6789 standard, adjustable from 0.3 ‑ 1.2 Nm
 
 
Protective hose adapter - WP-CTA POM 13,0 BK - 1422884
Protective hose adapter, for corrugated hoses with a nominal size of 13 (10 x 13), corrugated in parallel
 
 
Phoenix Contact 2016 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7 8 9