Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

502-310 Fiches technique(PDF) 1 Page - Digilent

No de pièce 502-310
Description  PmodRS485™ Reference Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIGILENT [Digilent]
Site Internet  https://digilent.com/
Logo DIGILENT - Digilent

502-310 Fiches technique(HTML) 1 Page - Digilent

  502-310 Datasheet HTML 1Page - Digilent 502-310 Datasheet HTML 2Page - Digilent 502-310 Datasheet HTML 3Page - Digilent 502-310 Datasheet HTML 4Page - Digilent  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1300HenleyCourt
Pullman,WA99163
509.334.6306
www.digilentinc.com
PmodRS485
™ Reference Manual
Revised April 12, 2016
This manual applies to the PmodRS485 rev. B
DOC#: 502-310
Copyright Digilent, Inc. All rights reserved.
Other product and company names mentioned may be trademarks of their respective owners.
Page 1 of 4
Overview
The Digilent PmodRS485 provides signal and power isolation for high speed communication lines utilizing the RS-
485 communication protocol.
1
Functional Description
The PmodRS485 utilizes Analog Devices ADM2582E to facilitate RS-485 and RS-422 serial communication protocols
between devices in environments with high electrical noise. The ADM2852E provides both signal and power
isolation allowing for accurate data transfer across long distances. Data transmission rates of 16 Mbit/s can be
achieved.
2
Interfacing with the Pmod
The PmodRS485 communicates with the host board via the UART protocol. In order to transmit data, the Driver
Enable line must be pulled to a logic level high voltage state; similarly, in order to receive data, the Receive Enable
line must be driven to a logic level low voltage state.
Truth tables indicating the status of the various pins of the PmodRS485 are provided below:
The PmodRS485.
High-speed RS-485 communication module
Isolated RS-485/RS-422 interfaces for use in
noisy environments
16Mbps maximum data rate
Connect up to 256 nodes on one bus
Differential half or full-duplex
communication
Thermal shutdown and ±15kV ESD
protection
6-pin Pmod port with UART interface
Library and example code available
in resource center
Features include:


Numéro de pièce similaire - 502-310

FabricantNo de pièceFiches techniqueDescription
logo
Digilent
502-312 DIGILENT-502-312 Datasheet
521Kb / 3P
PmodMIC3™ Reference Manual
April 12, 2016
502-316 DIGILENT-502-316 Datasheet
1Mb / 29P
Nexys Video™ FPGA Board Reference Manual
September 1, 2020
More results

Description similaire - 502-310

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
Technical Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
Technical Reference Manual
logo
Freescale Semiconductor...
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
Technical Reference Manual
logo
Freescale Semiconductor...
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
Reference Manual
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
Reference Manual
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
MC9S12P128 Reference Manual
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
Reference Manual
Rev. 1.4 18 June 2019
logo
List of Unclassifed Man...
MAX32 ETC1-MAX32 Datasheet
1Mb / 20P
Board Reference Manual
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com