Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTP3C Fiches technique(PDF) 3 Page - REAN

No de pièce RTP3C
Description  Stereo 3 pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  REAN [REAN]
Site Internet  https://www.rean-connectors.com/
Logo REAN - REAN

RTP3C Fiches technique(HTML) 3 Page - REAN

  RTP3C Datasheet HTML 1Page - REAN RTP3C Datasheet HTML 2Page - REAN RTP3C Datasheet HTML 3Page - REAN  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Information
Product
Title
RTP3C
Connection Type
Plug
Electrical
Contact Resistance
≤
10 mΩ
Insulation Resistance
>200 MΩ(Initial)
Dielectric Strength
500V dc 50HZ
Mechanical
Insertion and Withdrawal Force
≤
60 N
Lifetime
>1,000 Mating Cycles
Cable O.D.
2 - 4 mm
Wiresize
0.24 mm²
Wiresize
24 AWG
Material
Sleeve Assembly
Brass
Sleeve
Brass
Housing
Zinc
Sleeve Assembly
Nickel Plating
Sleeve
Nickel Plating
Housing
Nickel Plating
RTP3C
All rights reserved / 25.12.2022
3
/3



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com