Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD115D-SF Fiches technique(PDF) 13 Page - Panasonic Semiconductor

No de pièce TD115D-SF
Description  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TD115D-SF Fiches technique(HTML) 13 Page - Panasonic Semiconductor

Back Button TD115D-SF Datasheet HTML 9Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 10Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 11Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 12Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 13Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 14Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 15Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 16Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
T15
ROCKER TYPE DIMENSIONS (mm) (General tolerance: ±0.5)
1. Standard type
1) Solder terminal
29
13
°
15.8
33
6
19.5
6
13
°
5.7
33.8
10.2
5.7
37
10.2
1-pole
2-pole
2-M3
×0.5
2-M3
×0.5
45
38
27
45
38
27
2) Screw terminal (M3.5)
29
15.8
9.3
33
10.2
37.1
5.7
13
°
13
°
19.5
9.3
5.7
10.2
1-pole
2-pole
40.3
45
38
27
45
38
27
2-M3
×0.5
2-M3
×0.5
Remarks: 1. ON-OFF type does not have terminal No. 2 and 5.
2. Dimensions of handle: 13.4
× 27
2. Panel-sealed type
1) Solder terminal
13
°
13
°
41
41
1-pole
7.8
2.5
27.7
5
34
2-pole
7.8
2.5
30.9
5
34
17 24
22 29
2) Screw terminal (M3.5)
34
10.3
34
10.3
13
°
2.5
27.7
7.8
2.5
13
°
7.8
1-pole
2-pole
41
41
30.9
17 24
22 29
Remarks: 1. ON-OFF type does not have terminal No. 2 and 5.
2. Dimensions of handle: 1-pole: 12.6
× 29, 2-pole: 17.4 × 29
3. Terminal-sealed type
1) Solder terminal
24
17
34
34
5
13
°
13
°
27.7
2.5
7.8
41
41
29
22
5
2.5
7.8
1-pole
2-pole
30.9
2) Screw terminal (M3.5)
17 24
10.3
22 29
10.3
13
°
27.7
7.8
2.5
41
13
°
7.8
2.5
41
1-pole
2-pole
30.9
34
34
Remarks: 1. ON-OFF type does not have terminal No. 2 and 5.
2. Dimensions of handle: 1-pole: 12.6
× 29, 2-pole: 17.4 × 29
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com