Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR1021 Fiches technique(PDF) 13 Page - Panasonic Semiconductor

No de pièce AR1021
Description  2 Form C 15 A, 4 Form C 10 A, Polarized power relays
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AR1021 Fiches technique(HTML) 13 Page - Panasonic Semiconductor

Back Button AR1021 Datasheet HTML 7Page - Panasonic Semiconductor AR1021 Datasheet HTML 8Page - Panasonic Semiconductor AR1021 Datasheet HTML 9Page - Panasonic Semiconductor AR1021 Datasheet HTML 10Page - Panasonic Semiconductor AR1021 Datasheet HTML 11Page - Panasonic Semiconductor AR1021 Datasheet HTML 12Page - Panasonic Semiconductor AR1021 Datasheet HTML 13Page - Panasonic Semiconductor AR1021 Datasheet HTML 14Page - Panasonic Semiconductor AR1021 Datasheet HTML 15Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB412E 202301
Panasonic Industry Co., Ltd. 2023
GUIDELINES FOR POWER, HIGH-CAPACITY DC CUT OFF AND SAFETY RELAYS USAGE
■ Usage, Transport, and Storage Conditions
During usage, storage, or transportation, avoid locations
subjected to direct sunlight and maintain normal
temperature, humidity and pressure conditions.
●Temperature/Humidity/Pressure
When transporting or storing relays while they are tube
packaged, there are cases the temperature may differ
from the allowable range. In this case be sure to check
the individual specifications.
Also allowable humidity level is influenced by
temperature, please check charts shown below and
use relays within mentioned conditions. ( Allowable
temperature values differ for each relays, please refer
to the relay's individual specifications. )
1) Temperature:
The tolerance temperature range differs for
each relays, please refer to the relay's individual
specifications
2) Humidity: 5 to 85 % RH
5
85
Humidity (% RH)
Avoid icing
when used at
temperatures
lower than 0°C
Avoid con-
densation when
used at tem-
peratures higher
than 0°C
Allowable range
Ambient temperature (℃)
085
-40
3) Pressure: 86 to 106 kPa
●Dew condensation
Condensation occurs when the ambient temperature
drops suddenly from a high temperature and humidity,
or the relay is suddenly transferred from a low ambient
temperature to a high temperature and humidity.
Condensation causes the failures like insulation
deterioration, wire disconnection and rust etc.
Panasonic Industry Co., Ltd. does not guarantee the
failures caused by condensation.
The heat conduction by the equipment may accelerate
the cooling of device itself, and the condensation may
occur.
Please conduct product evaluations in the worst
condition of the actual usage. ( Special attention should
be paid when high temperature heating parts are close
to the device. Also please consider the condensation
may occur inside of the device. )
●Icing
Condensation or other moisture may freeze on relays
when the temperature become lower than 0 ℃.This
icing causes the sticking of movable portion, the
operation delay and the contact conduction failure etc.
Panasonic Industry Co., Ltd. does not guarantee the
failures caused by the icing.
The heat conduction by the equipment may accelerate
the cooling of relay itself and the icing may occur.
Please conduct product evaluations in the worst
condition of the actual usage.
●Low temperature and low humidity
The plastic becomes brittle if the relay is exposed to a
low temperature, low humidity environment for long
periods of time.
●High temperature and high humidity
Storage for extended periods of time ( including
transportation periods ) at high temperature or high
humidity levels or in atmospheres with organic gases
or sulfide gases may cause a sulfide film or oxide film
to form on the surfaces of the contacts and/or it may
interfere with the functions. Check out the atmosphere
in which the units are to be stored and transported.
●Package
In terms of the packing format used, make every effort
to keep the effects of moisture, organic gases and
sulfide gases to the absolute minimum.
●Silicon
When a source of silicone substances ( silicone rubber,
silicone oil, silicone coating materials and silicone filling
materials etc. ) is used around the relay, the silicone gas
( low molecular siloxane etc. ) may be produced.
This silicone gas may penetrate into the inside of the
relay. When the relay is kept and used in this condition,
silicone compound may adhere to the relay contacts
which may cause the contact failure. Do not use any
sources of silicone gas around the relay ( Including
plastic sealed types ).
●NOx Generation
When relay is used in an atmosphere high in humidity
to switch a load which easily produces an arc, the NOx
created by the arc and the water absorbed from outside
the relay combine to produce nitric acid.
This corrodes the internal metal parts and adversely
affects operation.
Avoid use at an ambient humidity of 85 % RH or higher
( at 20 ℃ ). If use at high humidity is unavoidable,
please contact our sales representative.
Ambient Environment
ー 12 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com