| Moteur de recherche de fiches techniques de composants électroniques |
|
VL6522 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL6522 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 35 page ![]() VL6522 Glossary 33/35 9 Glossary Table 24. Glossary Acronym Description ADC Analogue to Digital Converter ADP Audio Data Pipeline AEC Automatic Exposure Control AGC Automatic Gain Control AWB Automatic White Balance CMOS Complementary Metal Oxide Semiconductor EEPROM Electronically Erasable Programmable Read Only Memory FIFO First In First Out ICB Image Control Bus IDP Image Data Pipeline JEDEC Joint Electron Device Engineering Council LED Light Emitting Diode LGA Land Grid Array LSB Least Significant Bit MSB Most Significant Bit OSC Oscillator PCM Pulse Coded Modulation PID Product Identification PLL Phase Locked Loop POA Package Outline Assembly RGB Red Green Blue SCL Serial Clock SDA Serial Data SFP Special Function Pin (Port) USB Universal Serial Bus VGA Video Graphic Array VID Vendor Identification YUV Y stands for the luminance component (the brightness) and U and V are the chrominance (color) components |