Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC-129-D Fiches technique(PDF) 1 Page - Labfacility Ltd

No de pièce FC-129-D
Description  Stainless Steel Compression Glands
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LABFACILITY [Labfacility Ltd]
Site Internet  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FC-129-D Fiches technique(HTML) 1 Page - Labfacility Ltd

  FC-129-D Datasheet HTML 1Page - Labfacility Ltd FC-129-D Datasheet HTML 2Page - Labfacility Ltd FC-129-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 Thermocouple installation fittings
 To suit a wide range of mineral insulated and other probe type sensors offered by Farnell
 Male in-line stainless steel compression type with nut & olive
Stainless Steel Compression Glands
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
elements in the continued growth
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
accreditation.
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
137/0618 Stainless Steel Compression Glands
BSP Parallel:
Type
Thread Size
Thread Type
Suits Probe Ø
Manufacturers
order code
Code
St/Steel 1/8”
BSP Parallel
1.0mm
FC-129-D
2770783
St/Steel 1/8”
BSP Parallel
1.5mm
FC-132-D
1633392
St/Steel 1/8”
BSP Parallel
3.0mm
FC-140-D
1633393
St/Steel 1/8”
BSP Parallel
4.0mm
FC-203-D
XF-1381-FAR
St/Steel 1/8”
BSP Parallel
1/8”
FC-139-D
XF-1386-FAR
St/Steel 1/8”
BSP Parallel
3/16”
FC-137-D
XF-1380-FAR
St/Steel 1/4”
BSP Parallel
3.0mm
FC-159-D
2770781
St/Steel 1/4”
BSP Parallel
6.0mm
FC-168-D
1633398
St/Steel 1/4”
BSP Parallel
1/4”
FC-170-D
2770785
St/Steel 1/4”
BSP Parallel
3/16”
FC-169-D
XF-1375-FAR
St/Steel 1/2”
BSP Parallel
3.0mm
FC-199-D
2770786
St/Steel 1/2”
BSP Parallel
6.0mm
FC-201-D
2770782
St/Steel 1/2”
BSP Parallel
8.0mm
FC-212-D
XF-1376-FAR


Numéro de pièce similaire - FC-129-D

FabricantNo de pièceFiches techniqueDescription
logo
Labfacility Ltd
FC-129-D LABFACILITY-FC-129-D Datasheet
678Kb / 3P
Stainless Steel Compression Fittings
FC-129-D LABFACILITY-FC-129-D Datasheet
709Kb / 3P
Stainless Steel Compression Fittings – Parallel Thread (BSPP)
Mar-24
FC-129-D LABFACILITY-FC-129-D Datasheet
180Kb / 3P
Stainless Steel Compression Fittings
More results

Description similaire - FC-129-D

FabricantNo de pièceFiches techniqueDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
Stainless Steel
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com