Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLP-232PC Fiches technique(PDF) 4 Page - THAT Corporation All rights reserved.

No de pièce DLP-232PC
Description  2-Channel Digitally-Controlled Mic Preamp Demonstration Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THAT [THAT Corporation All rights reserved.]
Site Internet  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Fiches technique(HTML) 4 Page - THAT Corporation All rights reserved.

  DLP-232PC Datasheet HTML 1Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 2Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 3Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 4Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 5Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 6Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 7Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
THAT 5263-DEMO Datasheet
Page 4 of 16
Document 600191 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation; All rights reserved.
Download the latest 5362 Demo Board GUI software
from the THAT Corporation web site
In the .zip file you will find the GUI executable along
with other associated demo board documentation.
Simply un-zip the file and place the MicPre_v1_3.exe in
some convenient location on your PC.
Once the hardware has been set up as described
above, double click the MicPre.exe icon and the GUI
should appear:
Figure 2. 5263-DEMO GUI
Next connect the GUI to the demo board by clicking
on the Port pull down menu at the top and selecting
Reconnect.
The small green LED on the USB module should
blink,
indicating
that
communications
have
been
established. Try the GPO check boxes on the GUI and
the red LEDs on the demo board should light up,
indicating that the GUI is successfully talking to the
5263.
If the GUI fails to recognize the demo board (most
likely caused by a missing USB connection) you will see
the following error message:
Figure 3. 5263-DEMO software error message.
If this message appears, you can click OK and the
GUI will open, but there will be no connection to the
demo board. Once the source of the problem has been
resolved (i.e. Turn on the power or connect the missing
USB cable), use the Port=>Reconnect pull down to
establish communications.
The Port=>Reconnect pull down can be used any-
time to reestablish the USB link between the GUI and
demo board.
Select "Update immediately" or "Update on zero
crossings" from the Gain Mode and GPO Mode drop
down menus.
Move the gain slider to adjust gain of the 5263.
Gains are continuously adjusted as you move the slider.
You may also adjust the gain slider by first giving it
scope (clicking it with the mouse) and then pressing the
UP and DOWN arrow keys on your computer keyboard,
or by clicking the up or down arrow buttons next to the
numeric gain text box below the gain slider.
Jumper Options
T-Bias Jumpers, P4, P8
The input circuit provides jumpers (P4, P8) which
enable/disable the "T-Bias" function.
With the shunts
installed, T-Bias is disabled and the circuit provides a
2kΩ differential input impedance to the XLR input. With
the shunts removed, T-Bias is enabled and provides a
high common mode impedance (ideal for both mic and
line
inputs)
but
maintains
a
modest
differential
impedance.
Software Set-up and Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16