Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THAT2180A Fiches technique(PDF) 1 Page - THAT Corporation All rights reserved.

No de pièce THAT2180A
Description  Blackmer® Pre-Trimmed IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THAT [THAT Corporation All rights reserved.]
Site Internet  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2180A Fiches technique(HTML) 1 Page - THAT Corporation All rights reserved.

  THAT2180A Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8
Output
7
V+
6
Gnd
5
V-
4
Sym
3
Ec-
2
Ec+
1
Input
Pin Number
Pin Name
Table 1. Pin assignments
Figure 1. 2180-series equivalent circuit diagram
FEATURES
• Wide Dynamic Range: >120 dB
• Wide Gain Range: >130 dB
• Exponential (dB) Gain Control
• Low Distortion: < 0.01 % (2180A)
• Wide Gain-Bandwidth: 20 MHz
• Dual Gain-Control Ports (pos/neg)
• Pin-Compatible with 2150-Series
APPLICATIONS
• Faders
• Panners
• Compressors
• Expanders
• Equalizers
• Filters
• Oscillators
• Automation Systems
THAT 2180A, 2180B, 2180C
THAT 2180 Series integrated-circuit voltage
controlled amplifiers (VCAs) are very high-
performance
current-in/current-out
devices
with two opposing-polarity, voltage-sensitive
control ports. They offer wide-range exponen-
tial control of gain and attenuation with low
signal distortion. The parts are trimmed at
wafer stage for low THD and control-voltage
feedthrough without further adjustment.
The VCA design takes advantage of a fully
complementary dielectric isolation process
which offers closely matched NPN/PNP pairs, to
deliver discrete performance at IC prices. The
parts are available in three grades, selected for
factory trimmed distortion, allowing the user to
optimize cost vs. performance. The 2180 Series
is available in an 8-pin single-in-line (SIP)
package.
Description
Blackmer® Pre-Trimmed IC
Voltage Controlled Amplifiers
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2008, THAT Corporation
Document 600029 Rev 02
2180CL08-U
0.05%
2180BL08-U
0.02%
2180AL08-U
0.01%
Plastic SIP
Max THD @ 1V,
1 kHz, 0 dB
Table 2. Ordering information
BIAS CURRENT
COMPENSATION
Vbe
MULTI-
PLIER
Output
Sym
Iset
V-
Vcc
Ec+
Ec-
Iadj
Input
Gnd
7
2
3
8
4
5
1
6
2k
25


Numéro de pièce similaire - THAT2180A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
More results

Description similaire - THAT2180A

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD632 AD-AD632 Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
logo
List of Unclassifed Man...
THAT2151 ETC-THAT2151 Datasheet
144Kb / 10P
IC Voltage-Controlled Amplifiers
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
Pre-trimmed Analog Engine짰 IC
logo
Analog Devices
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
logo
List of Unclassifed Man...
2162Q16-U ETC2-2162Q16-U Datasheet
140Kb / 11P
Dual Pre-trimmed Blackmer
logo
Analog Devices
AD534 AD-AD534_15 Datasheet
530Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com