Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THAT1203 Fiches technique(PDF) 12 Page - THAT Corporation All rights reserved.

No de pièce THAT1203
Description  InGenius High-CMRR Balanced Input Line Receiver ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THAT [THAT Corporation All rights reserved.]
Site Internet  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT1203 Fiches technique(HTML) 12 Page - THAT Corporation All rights reserved.

Back Button THAT1203 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT1203 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT1203 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT1203 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT1203 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT1203 Datasheet HTML 9Page - THAT Corporation All rights reserved. THAT1203 Datasheet HTML 10Page - THAT Corporation All rights reserved. THAT1203 Datasheet HTML 11Page - THAT Corporation All rights reserved. THAT1203 Datasheet HTML 12Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Package and Soldering Information
The THAT 1200 series is available in both 8-pin
mini-DIP and 8-pin SOIC packages. The package di-
mensions are shown in Figures 17 and 18 below,
while pinouts are given in Table 1 on page 1.
The 1200 series is available only in lead-free,
"green" packages (both SO and DIP). The lead frames
are copper, plated with successive layers of nickel
paladium, and gold. This approach makes it possible
to
solder
these
devices
using
lead-free
and
lead-bearing solders. The plastic mold compound
contains no hazardous substances as specified in the
RoHS directive.
The surface-mount package has been qualified
using reflow temperatures as high as 260
°C for 10
seconds. This makes them suitable for use in a 100%
tin solder process. Furthermore, the 1200 series has
been qualified to a JEDEC moisture sensitivity level
of MSL1. No special humidity precautions are re-
quired prior to flow soldering the parts.
The through-hole package leads can be subjected
to a soldering temperature of 300 °C for up to 10 sec-
onds.
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 12
InGenius High-CMRR Balanced Input Line Receiver ICs
0.41/0.89
0.31/0.71
H
h
0.016/0.035
0.012/0.027
0.230/0.244
0.007/0.010
0.060/0.068
0.014/0.018
0.188/0.197
0.004/0.008
INCHES
0.150/0.157
G
H
F
C
B
D
F
G
D
E
A
a1
B
C
ITEM
MILLIMETERS
0.36/0.46
0.18/0.25
1.52/1.73
1.27
4.78/5.00
0.10/0.20
3.81/3.99
5.84/6.20
0.050
A
E
a1
0-8°
hx45°
1
Figure 17. -S (SO) version package outline drawing
B
A
K
F
H
E
D
G
J
C
ITEM
A
B
C
D
E
F
G
H
J
K
1
MILLIMETERS
9.52 0.10
6.35 0.10
7.49/8.13
0.46
2.54
3.68/4.32
0.25
3.18 0.10
8.13/9.40
3.30 0.10
±
±
±
±
INCHES
0.375
0.250 0.004
0.295/0.320
0.018
0.100
0.145/0.170
0.010
0.125 0.004
0.320/0.370
0.130 0.004
±0.004
±
±
±
Figure 18. -P (DIP) version package outline drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com