Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THAT1200 Fiches technique(PDF) 2 Page - THAT Corporation All rights reserved.

No de pièce THAT1200
Description  InGenius High-CMRR Balanced Input Line Receiver ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THAT [THAT Corporation All rights reserved.]
Site Internet  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT1200 Fiches technique(HTML) 2 Page - THAT Corporation All rights reserved.

  THAT1200 Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT1200 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT1200 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT1200 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT1200 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT1200 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT1200 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT1200 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT1200 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 2
InGenius High-CMRR Balanced Input Line Receiver ICs
Absolute Maximum Ratings (T
A = 25°C)
Positive Supply Voltage (VCC)
+20 V
Negative Supply Voltage (VEE)
-20 V
Storage Temperature Range (TST)
-40 to +125°C
Output Short-Circuit Duration (tSH)
Continuous
θ
Ja
PDIP Pkg
86
°C/W
θ
Ja
SO Pkg
104
°C/W
Operating Temperature Range (TOP)
0 to +85°C
Junction Temperature (TJ)
125°C
THAT1200
THAT1203
THAT1206
Input Voltage (VIN)
± 25 V
± 31 V
± 31 V
Electrical Characteristics
2,3,4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current
ICC
No signal
—
4.7
8.0
mA
Supply Voltage
VCC,VEE
±3
±18
V
Input Bias Current
IB
No signal; Either input
—
700
1,400
nA
connected to GND
Input Offset Current
IB-OFF
No signal
—
—
±300
nA
Input Voltage Range
VIN-CM
Common mode
±12.5
±13.0
—
V
VIN-DIFF
Differential (equal and opposite swing)
THAT 1200
21.0
21.5
—
dBu
THAT 1203
24.0
24.5
—
dBu
THAT 1206
24.0
24.5
—
dBu
Input Impedance
ZIN-DIFF
Differential
48.0
k
Ω
ZIN-CM
Common mode
with bootstrap
60 Hz
10.0
M
Ω
20 kHz
3.2
M
Ω
Common Mode Rejection Ratio
CMRR1
Matched source impedances; VCM = ±10V
DC
70
90
—
dB
60 Hz
70
90
—
dB
20 kHz
—
85
—
dB
Common Mode Rejection Ratio
5 CMRR
IEC
10
Ω unmatched source impedances; V
CM = ±10V
DC
—90—
dB
60 Hz
—
90
—
dB
20 kHz
—
85
—
dB
Common Mode Rejection Ratio
CMRR2
600
Ω unmatched source impedances; V
CM = ±10V
60 Hz
—
70
—
dB
20 kHz
—
65
—
dB
Power Supply Rejection Ratio
6
PSRR
At 60 Hz, with VCC =-VEE
THAT1200
—
82
—
dB
THAT1203
—
80
—
dB
THAT1206
—
80
—
dB
SPECIFICATIONS
1
1. All specifications are subject to change without notice.
2. Unless otherwise noted, T
A=25°C, VCC = +15V, VEE = -15V
3. See test circuit in Figure 2.
4. 0 dBu = 0.775Vrms.
5. Per IEC Standard 60268-3 for testing CMRR of balanced
inputs.
6. Defined with respect to the differential gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com