| Moteur de recherche de fiches techniques de composants électroniques |
|
ST10R272 Fiches technique(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10R272 Fiches technique(HTML) 76 Page - STMicroelectronics |
|
76 / 77 page ![]() 76/77 ST10R272L - ELECTRICAL CHARACTERISTICS 1 The transition of shift and latch edge of SSPCLK is programmable. This figure uses the falling edge as shift edge (drawn bold). 2 The bit timing is repeated for all bits to be transmitted or received. 3 The active level of the chip enable lines is programmable. This figure uses an active low CE (drawn bold). At the end of a transmission or reception the CE signal is disabled in sin- gle transfer mode. In continuous transfer mode it remains active. Figure 29 SSP write timing Figure 30 SSP read timing t 204 t 203 SSPCLK SSPCEx SSPDAT t 205 t 207 t 207 t 207 t 208 t 209 t 206 1st Bit Last Bit 2nd Bit t 200 t 201 t 202 1) 3) 2) t 211 SSPCLK SSPCEx SSPDAT t 209 t 206 last Wr. Bit Lst.In Bit 1) 3) 2) t 212 1st.In Bit t 210 |