Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7333N Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 28Page - STMicroelectronics TDA7333N Datasheet HTML 29Page - STMicroelectronics TDA7333N Datasheet HTML 30Page - STMicroelectronics TDA7333N Datasheet HTML 31Page - STMicroelectronics TDA7333N Datasheet HTML 32Page - STMicroelectronics TDA7333N Datasheet HTML 33Page - STMicroelectronics TDA7333N Datasheet HTML 34Page - STMicroelectronics TDA7333N Datasheet HTML 35Page - STMicroelectronics TDA7333N Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Functional description
TDA7333N
32/36
Figure 19.
Write rds_int registers in SPI mode, reading 1 register
The content of the RDS registers is clocked out on DATAOUT pin in the following order:
rds_int[7:0], rds_qu[7:0], rds_corrp[7:0], rds_bd_l[7:0], rds_bd_h[7:0], rds_ctrl[7:0],
sinc4reg[7:0], testreg[7:0], pllreg4[7:0], pllreg3[7:0], pllreg2[7:0], pllreg1[7:0],
pllreg0[7:0].
For the meaning of each bit please refer to Section 3.8.
Note:
1
After 40 bit clocks the whole RDS data and flags are clocked out.
2
In SPI mode with applications having 2 or more SPI peripherals, it is necessary to inhibit the
clock line going to the TDA7333N when the CE line is kept high (not active).
CSN
DATAIN
DATAOUT
CLK
rds_int[7:0]
{1,rds_int[6:0]}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36