| Moteur de recherche de fiches techniques de composants électroniques |
|
STR730FZ2H6 Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR730FZ2H6 Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 52 page ![]() Package characteristics STR73xFxx 48/52 5.2 Thermal characteristics The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using the following equation: TJ = TA + (PD x ΘJA)(1) Where: –TA is the ambient temperature in °C, – Θ JA is the package junction-to-ambient thermal resistance, in °C/W, –PD is the sum of PINT and PI/O (PD = PINT + PI/O), –PINT is the product of IDD and VDD, expressed in Watts. This is the chip internal power, –PI/O represents the power dissipation on input and output pins; user determined. Most of the time for the applications PI/O< PINT and may be neglected. On the other hand, PI/O may be significant if the device is configured to drive continuously external modules and/or memories. An approximate relationship between PD and TJ (if PI/O is neglected) is given by: PD = K / (TJ + 273°C) (2) Therefore (solving equations 1 and 2): K = PD x (TA + 273°C) + ΘJA x PD 2 (3) Where: – K is a constant for the particular part, which may be determined from equation (3) by measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ may be obtained by solving equations (1) and (2) iteratively for any value of TA Table 28. Thermal characteristics Symbol Description Package Value (typical) Unit Θ JA Thermal resistance junction-ambient LFBGA144 50 °C/W TQFP144 40 TQFP100 40 |