Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR730FZ1T6 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STR730FZ1T6
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1T6 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STR730FZ1T6 Datasheet HTML 25Page - STMicroelectronics STR730FZ1T6 Datasheet HTML 26Page - STMicroelectronics STR730FZ1T6 Datasheet HTML 27Page - STMicroelectronics STR730FZ1T6 Datasheet HTML 28Page - STMicroelectronics STR730FZ1T6 Datasheet HTML 29Page - STMicroelectronics STR730FZ1T6 Datasheet HTML 30Page - STMicroelectronics STR730FZ1T6 Datasheet HTML 31Page - STMicroelectronics STR730FZ1T6 Datasheet HTML 32Page - STMicroelectronics STR730FZ1T6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
STR73xFxx
Electrical parameters
29/52
4.3.2
Clock and timing characteristics
Crystal / ceramic resonator oscillator
The STR73xF can operate with a crystal oscillator or resonator clock source. Figure 12 describes a
simple model of the internal oscillator driver as well as example of connection for an oscillator or a
resonator.
Figure 12.
Crystal oscillator and resonator
Note:
1
XTAL2 must not be used to directly drive external circuits.
2
For test or boot purpose, XTAL2 can be used as an high impedance input pin to provide an
external clock to the device. XTAL1 should be grounded, and XTAL2 connected to a wave
signal generator providing a 0 to VDD signal. Directly driving XTAL2 may results in
deteriorated jitter and duty cycle.
CL
CL
Crystal
RS
Resonator
STR73x
STR73x
STR73x
I
RF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52