Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STOTG04E Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STOTG04E
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04E Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STOTG04E Datasheet HTML 18Page - STMicroelectronics STOTG04E Datasheet HTML 19Page - STMicroelectronics STOTG04E Datasheet HTML 20Page - STMicroelectronics STOTG04E Datasheet HTML 21Page - STMicroelectronics STOTG04E Datasheet HTML 22Page - STMicroelectronics STOTG04E Datasheet HTML 23Page - STMicroelectronics STOTG04E Datasheet HTML 24Page - STMicroelectronics STOTG04E Datasheet HTML 25Page - STMicroelectronics STOTG04E Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STOTG04E
Package mechanical data
23/26
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A1.00
39.4
A1
0.00
0.05
0.0
2.0
b
0.18
0.30
7.1
11.8
D
3.9
4.1
153.5
161.4
D2
1.95
2.25
76.8
88.6
E
3.9
4.1
153.5
161.4
E2
1.95
2.25
76.8
88.6
e0.50
19.7
L
0.40
0.60
15.7
23.6
QFN24 (4x4) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26