Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

557 Fiches technique(PDF) 1 Page - Dialight Corporation

No de pièce 557
Description  Daylight Viewable Panel Mount Indicators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALIGHT [Dialight Corporation]
Site Internet  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

557 Fiches technique(HTML) 1 Page - Dialight Corporation

  557 Datasheet HTML 1Page - Dialight Corporation 557 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Information >
www.dialightsignalsandcomponents.com
557 Series
C1538J for single
bi-color from creo
inches [mm]
Ø .781 [19.8]
Ø .700 [17.8] max
.365 [9.3]
.365 [9.3]
.500 [12.7]
.350 [8.9] max
.350 [8.9] max
1.400 [35.6] max
1.400 [35.6] max
.662 [16.8]
.318 Ref [8.1]
.665±.005
[16.9±.13]
.688 ± .005
[17.5 ± .13]
Black Bezel
Black Bezel
Black
Bezel
Black (Cathode)
Black Cathode
Recommended
Mounting Hole
Back View
of Housing
Green or
Blue Anode
Red (Anode)
Red or Yellow Anode
.500 [12.7]
Single Color
Bi-Color
557 Series
Daylight Viewable Panel Mount Indicators
Mechanical information
Mounting Hole Size:
0.687" (17.46 mm)
Max Panel Thickness: 0.156" (3.96 mm)
Mounting Torque:
15 in-lbs torque
Specifications
Voltage Options:
5, 12, 24, and 28 V DC (bi-color: 5 V DC)
Operating Temp:
-25 °C to +85 °C
(bi-color: -30 °C to +80 °C)
Storage Temp:
-30°C to +100°C
(bi-color: -40 °C to +85 °C)
Electrical Connection: 24 AWG Wire Leads
Housing:
White Polycarbonate
Lens Material:
Transparent Polycarbonate (UL 94V-0)
Wire Leads:
5.5"
Lock Washer:
Phosphor Bronze—White Nickel Plated
Nut:
Brass—White Nickel Plated
Certifications & Ratings
• RoHS Compliant
• Watertight to Mil-L-3661B spec
Application
The 557 Series LED Panel Mount Indicators incorporate both
InGaN and AllnGaP technologies to offer higher intensities.
This is a highly durable package, designed to withstand out-
door applications susceptible to rain, dust, and sunlight.
• Instrument panels
• Safety applications
• Transportation—rail, bus, airline
• Vending, gaming
• Lane control
. . . and many more!
Dimensions


Numéro de pièce similaire - 557

FabricantNo de pièceFiches techniqueDescription
logo
Dialight Corporation
557 DIALIGHT-557 Datasheet
325Kb / 1P
RED/GREEN BI-COLOR VDC LED PANEL MOUNT 2 LEADS INDICATOR
557 DIALIGHT-557 Datasheet
24Kb / 1P
LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
557 DIALIGHT-557 Datasheet
45Kb / 1P
11/16, 1 MOUNTING HOLE WATERTIGHT
557 DIALIGHT-557 Datasheet
108Kb / 2P
High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557 DIALIGHT-557 Datasheet
119Kb / 2P
High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
More results

Description similaire - 557

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
CPE-750 CUI-CPE-750 Datasheet
239Kb / 5P
panel mount piezo indicators
CPE-750PA CUI-CPE-750PA Datasheet
245Kb / 5P
panel mount piezo indicators
CPE-751 CUI-CPE-751 Datasheet
232Kb / 5P
panel mount piezo indicators
CPE-753 CUI-CPE-753 Datasheet
235Kb / 5P
panel mount piezo indicators
CPE-755P CUI-CPE-755P Datasheet
211Kb / 5P
panel mount piezo indicators
CPE-755S CUI-CPE-755S Datasheet
242Kb / 5P
panel mount piezo indicators
CPE-757 CUI-CPE-757 Datasheet
224Kb / 5P
panel mount piezo indicators
logo
Dialight Corporation
556-1503-314F DIALIGHT-556-1503-314F Datasheet
135Kb / 2P
Day Light Viewable Panel Mount Indicators for 1' Mounting Hole
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
PANEL MOUNT INDICATORS
logo
Marl International Limi...
354-320-04 MARL-354-320-04 Datasheet
448Kb / 3P
STD PANEL MOUNT INDICATORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com