| Moteur de recherche de fiches techniques de composants électroniques |
|
LS1088A-RDB Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1088A-RDB Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 3 page ![]() Catch our keynote at Computex: NXP CTO Lars Reger unveils our "Brighter Together" approach ADD TO CALENDAR (HTTPS://WWW.NXP.COM/DOCS/EN/SUPPORTING-INFORMATION/NXP KEYNOTE AT COMPUTEX LARS REGER CTO - GLOBAL.ICS) Click over video to play nail/LS1088A VID.jpg) mages/en/p RDB-PRO The LS1088A reference design board provides a comprehensive platform that enables design and evaluation of the product (LS1088A processor). This RDB comes pre-loaded with a board support package (BSP) based on a standard Linux kernel. Enables network intelligence with the next generation Datapath (DPPA2) which provides differentiated offload and a rich set of IO Simplifies programming with C based libraries of common networking protocols Delivers unprecedented efficiency and new virtualized networks Supports designs in enterprise SDN switching Virtual CPE, Wireless Access Point to meet the required performance and stay within a strict power budget LS1088A-RDB Receive alerts Layerscape LS1088A Reference Design Board Home (/) / / / / LS1088A-RDB | LS1088A Design Center (/design/design-center:DESIGN) Software (/design/design-center/software:SOFTWARE-HOME) QorIQ Developer Resources (/design/design-center/software/qoriq-developer-resources:QORIQ_SW_DEV) Overview Product Details Documentation Design Resources Support BUY OPTIONS |
Numéro de pièce similaire - LS1088A-RDB |
|
Description similaire - LS1088A-RDB |