Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS1012ARDB-PC Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce LS1012ARDB-PC
Description  Reference Design Board Errata
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012ARDB-PC Fiches technique(HTML) 6 Page - NXP Semiconductors

  LS1012ARDB-PC Datasheet HTML 1Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 2Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 3Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 4Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 5Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 6Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 7Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 8Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
E-00005:
Chassis silk markings for Ethernet ports
Description: ETH_1 and ETH_2 port names on the chassis silk are swapped.
Impact:
The naming creates confusion with the port mappings in the U-Boot and Linux software
releases.
Workaround: If the ETH_1 and ETH_2 port markings on the chassis silk of your LS1012ARDB are as shown
in the figure below, then paste stickers on the chassis silk to correct the markings, as given in
the table below.
Old marking
New sticker marking
ETH_1
ETH_2
ETH_2
ETH_1
Figure 3. Incorrect ETH_1 and ETH_2 port markings on LS1012ARDB
chassis
The figure below shows the correct Ethernet port markings on the LS1012ARDB chassis.
LS1012A Reference Design Board Errata, Rev. 2, 02/2017
6
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9