Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS1012ARDBE Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce LS1012ARDBE
Description  Reference Design Board Errata
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012ARDBE Fiches technique(HTML) 8 Page - NXP Semiconductors

  LS1012ARDBE Datasheet HTML 1Page - NXP Semiconductors LS1012ARDBE Datasheet HTML 2Page - NXP Semiconductors LS1012ARDBE Datasheet HTML 3Page - NXP Semiconductors LS1012ARDBE Datasheet HTML 4Page - NXP Semiconductors LS1012ARDBE Datasheet HTML 5Page - NXP Semiconductors LS1012ARDBE Datasheet HTML 6Page - NXP Semiconductors LS1012ARDBE Datasheet HTML 7Page - NXP Semiconductors LS1012ARDBE Datasheet HTML 8Page - NXP Semiconductors LS1012ARDBE Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
E-00006:
Decoupling capacitors
Description: The board layout does not meet the decoupling requirements mentioned in the LS1012A
design checklist.
Impact:
This erratum may result in random failures while switching to high power consumption use
cases.
Workaround: Currently, the board does not support this layout. There is no workaround available for the
impacted revisions.
Fix plan:
The Rev. D and higher boards will have the decoupling capacitors as mentioned in the
LS1012A design checklist.
LS1012A Reference Design Board Errata, Rev. 2, 02/2017
8
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9