| Moteur de recherche de fiches techniques de composants électroniques |
|
ST10F280-JT3 Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F280-JT3 Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 186 page ![]() ST10F280 48/186 BUSCON3 (FF18h / 8Ch) SFR Reset Value: 0000h BUSCON4 (FF1Ah / 8Dh) SFR Reset Value: 0000h 15 14 13 12 11 10 9876543210 CSW EN3 CSR EN3 RDY POL3 RDY EN3 - BUS ACT3 ALE CTL3 - BTYP MTT C3 RWD C3 MCTC RW RW RW RW RW RW RW RW RW RW 15 14 13 12 11 10 9876543210 CSW EN4 CSR EN4 RDY POL4 RDY EN4 - BUS ACT4 ALE CTL4 - BTYP MTT C4 RWD C4 MCTC RW RW RW RW RW RW RW RW RW RW Bit Function RDYPOLx 0 1 Ready Active Level Control The active level on the READY pin is low, bus cycle terminates with a ‘0’ on READY pin, The active level on the READY pin is high, bus cycle terminates with a ‘1’ on READY pin. |