Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ERA3APC Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce ERA3APC
Description  Metal Film (Thin Film) Chip Resistors,High Reliability Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA3APC Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  ERA3APC Datasheet HTML 1Page - Panasonic Semiconductor ERA3APC Datasheet HTML 2Page - Panasonic Semiconductor ERA3APC Datasheet HTML 3Page - Panasonic Semiconductor ERA3APC Datasheet HTML 4Page - Panasonic Semiconductor ERA3APC Datasheet HTML 5Page - Panasonic Semiconductor ERA3APC Datasheet HTML 6Page - Panasonic Semiconductor ERA3APC Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Metal Film (Thin Film) Chip Resistors, High Reliability Type
*1: Use it on the condition that the case temperature is below the upper category temperature.
*2: Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=
√Power Rating × Resistance Values,
or Limiting Element Voltage listed above, whichever less.
*3: Overload Test Voltage (OTV) shall be determined from OTV=Specified Magnification (2.5) × RCWV or Maximum Overload
Voltage listed above, whichever less.
*4: E192 series resistance values are also available. Please contact us for details.
*5: Duplicated resistance values between E96, E192 and E24 series shall follow E24 Part Numbers.
(apply three digit resistance value)
Power derating curve
For resistors operated in ambient temperatures
above 85
℃, power rating shall be derated in
accordance with the figure on the right.
ERA2AKD
ERA2AED
ERA2AEC
ERA2AEB
ERA2APC
ERA2APB
ERA2ARC
ERA2ARB
ERA3AHD
ERA3ARW
ERA6AHD
ERA6AED
ERA6AEC
ERA6AEB
ERA6APC
ERA6APB
ERA8AHD
ERA8ARB
ERA8AED
ERA8AEC
ERA8AEB
ERA8APC
ERA8APB
ERA8ARC
±0.5
±0.25
±0.1
±0.25
±0.1
±0.25
±0.1
±0.05
±0.5
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
±50
±25
47 to 1 M
470 to 100 k
10 to 46.4
47 to 330 k
470 to 100 k
10 to 46.4
1 k to 100 k
±15
1 k to 100 k
±15
±25
±10
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1-Jul-21
ERA8A
(1206)
470 to 100 k
1 k to 100 k
±25
±15
±10
±50
300
(E24,E96)
(E24,E96)
(E24,E96)
Grade 0
200
ERA3APC
ERA3APB
ERA3AED
ERA3AEC
ERA3AEB
ERA8ARW
ERA3ARC
ERA3ARB
100
150
0.125
0.25
10 to 46.4
47 to 1 M
ERA6ARC
ERA6ARB
(E24,E96)
ERA6ARW
Part No.
(inch size)
AEC-Q200
Grade
-
ERA6A
(0805)
ERA1A
(0201)
ERA2A
(0402)
ERA3A
(0603)
Grade 1
(E24,E96)
(E24,E96)
(E24,E96)
25
75
50
0.05
0.063
0.1
–55 to +155
(E24,E96)
(E24,E96)
(E24,E96)
(E24,E96)
Power
rating*1
(85
℃)
(W)
±0.1
±0.25
±25
50
±0.25
±0.1
±0.05
±10
Part No.
(detail)
ERA1AEB
ERA1AEC
ERA1ARC
ERA1ARB
ERA1ARW
±0.25
±0.1
±0.5
Category
temperature
range
(
℃)
Resistance
range*4 *5
(Ω)
T.C.R.
(×10-6/K)
Resistance
tolerance
(%)
Maximum
overload
voltage*3
(V)
Limiting
element
voltage*2
(V)
±100
±25
±15
±10
±50
100 to 10 k
100 to 10 k
1 k to 10 k
10 to 46.4
47 to 100 k
200 to 47 k
200 to 47 k
100
150
±10
Ratings
±0.5
±0.25
±0.1
±0.25
±0.1
±0.25
±0.1
±0.05
±0.1
±0.05
±0.5
±0.5
±0.25
±0.1
±0.25
±0.1
±0.25
±0.5
±0.5
±0.25
±0.1
±0.25
±0.1
-60
-20
0
20
60
20
40
60
80
100
80 100
140
180
-55 ℃
85 ℃
0
155 ℃
-40
40
160
120
Ambient temperature (℃)



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com