Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC810M021FN8 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Fiches technique(HTML) 2 Page - NXP Semiconductors

  LPC810M021FN8 Datasheet HTML 1Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 2Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 3Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 4Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 5Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 6Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 7Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 8Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.5 — 8 June 2016
2 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
 State Configurable Timer/PWM (SCTimer/PWM) with input and output functions
(including capture and match) assigned to pins through the switch matrix.
 Multiple-channel multi-rate timer (MRT) for repetitive interrupt generation at up to
four programmable, fixed rates.
 Self Wake-up Timer (WKT) clocked from either the IRC or a low-power,
low-frequency internal oscillator.
 CRC engine.
 Windowed Watchdog timer (WWDT).
 Analog peripherals:
 Comparator with internal and external voltage references with pin functions
assigned or enabled through the switch matrix.
 Serial interfaces:
 Three USART interfaces with pin functions assigned through the switch matrix.
 Two SPI controllers with pin functions assigned through the switch matrix.
 One I2C-bus interface with pin functions assigned through the switch matrix.
 Clock generation:
 12 MHz internal RC oscillator trimmed to 1.5 % accuracy that can optionally be
used as a system clock.
 Crystal oscillator with an operating range of 1 MHz to 25 MHz.
 Programmable watchdog oscillator with a frequency range of 9.4 kHz to 2.3 MHz.
 10 kHz low-power oscillator for the WKT.
 PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the system oscillator, the external clock
input CLKIN, or the internal RC oscillator.
 Clock output function with divider that can reflect the crystal oscillator, the main
clock, the IRC, or the watchdog oscillator.
 Power control:
 Integrated PMU (Power Management Unit) to minimize power consumption.
 Reduced power modes: Sleep mode, Deep-sleep mode, Power-down mode, and
Deep power-down mode.
 Wake-up from Deep-sleep and Power-down modes on activity on USART, SPI, and
I2C peripherals.
 Timer-controlled self wake-up from Deep power-down mode.
 Power-On Reset (POR).
 Brownout detect.
 Unique device serial number for identification.
 Single power supply.
 Operating temperature range
40 °C to 105 °C except for the DIP8 package, which is
available for a temperature range of
40 °C to 85 °C.
 Available as DIP8, TSSOP16, SO20, TSSOP20, and XSON16 package.
3.
Applications
 8/16-bit applications
 Lighting
 Consumer
 Motor control
 Climate control
 Fire and security applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com