Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTMS8201FTB/AF Fiches technique(PDF) 48 Page - NXP Semiconductors

No de pièce HTMS8201FTB/AF
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8201FTB/AF Fiches technique(HTML) 48 Page - NXP Semiconductors

Back Button HTMS8201FTB/AF Datasheet HTML 44Page - NXP Semiconductors HTMS8201FTB/AF Datasheet HTML 45Page - NXP Semiconductors HTMS8201FTB/AF Datasheet HTML 46Page - NXP Semiconductors HTMS8201FTB/AF Datasheet HTML 47Page - NXP Semiconductors HTMS8201FTB/AF Datasheet HTML 48Page - NXP Semiconductors HTMS8201FTB/AF Datasheet HTML 49Page - NXP Semiconductors HTMS8201FTB/AF Datasheet HTML 50Page - NXP Semiconductors HTMS8201FTB/AF Datasheet HTML 51Page - NXP Semiconductors HTMS8201FTB/AF Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
48 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
19.2 Marking HVSON2
Only two lines are available for marking (Figure 20).
First line consists on five digits and contains the diffusion lot number. Second line consists
on four digits and describes the product type, HTMS8001FTK, HTMS8101FTK or
HTMS8201FTK (see example in Table 52).
Fig 20. Marking overview
Table 52.
Marking example
Line
Marking
Description
A
70960
5 digits, Diffusion Lot Number, First letter truncated
B
HM80
4 digits, Type: Table 53 “Marking HVSON2”
Table 53.
Marking HVSON2
Type
Type code
HTMS8001FTK/AF
HM80
HTMS8101FTK/AF
HM81
HTMS8201FTK/AF
HM82
aaa-004170
A : 5
B : 4
3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57