Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AVL32253 Fiches technique(PDF) 8 Page - Panasonic Semiconductor

No de pièce AVL32253
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVL32253 Fiches technique(HTML) 8 Page - Panasonic Semiconductor

Back Button AVL32253 Datasheet HTML 4Page - Panasonic Semiconductor AVL32253 Datasheet HTML 5Page - Panasonic Semiconductor AVL32253 Datasheet HTML 6Page - Panasonic Semiconductor AVL32253 Datasheet HTML 7Page - Panasonic Semiconductor AVL32253 Datasheet HTML 8Page - Panasonic Semiconductor AVL32253 Datasheet HTML 9Page - Panasonic Semiconductor AVL32253 Datasheet HTML 10Page - Panasonic Semiconductor AVL32253 Datasheet HTML 11Page - Panasonic Semiconductor AVL32253 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches
–8–
AECTB10E 201601-T
DIMENSIONS
■ FS switches (In-line terminal type)
1) Self-standing PC board terminal
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
(Unit: mm) General tolerance:
±0.25
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
0.6 max.
2.4
9.5
NC
NO
C
7.6
1.8
1.5
1.1
6.4
5.2
1.25
0.5
4.0
11.8
8.4
(OP)
(PT)
7.4
6.7
7.7
-0.05
+0.1
2.4
0.9
2.2
19.8
15.4
8.7
2.5
±0.3
±0.1
±0.1
±0.15
±0.15
±0.3
2.2
±0.1
±0.15
(OP)
±0.4
±0.3
3.4
±0.12
±0.12
1.85
±0.2
±0.2
±0.1
2.4
dia.
+0.1
-0.05
Pretravel PT, Max.
0.6mm
Movement Differential MD, Max.
0.1mm
Overtravel OT, Min.
0.4mm
Operating
Position OP
Distance from
mounting hole
8.4
±0.3mm
Distance from
stand-off
11.8
±0.4mm
3-1.2±0.05 dia.
8.7±0.1
15.4±0.1
CAD Data
12.85
5.0
NC
NO
C
±0.4
2.5 max.
6.6
4.0
12.2
(OP)
(PT)
±0.9
8.8
(OP)
±0.8
Pretravel PT, Max.
2.5mm
Movement Differential MD, Max.
0.5mm
Overtravel OT, Min.
0.8mm
Operating
Position OP
Distance from
mounting hole
8.8
±0.8mm
Distance from
stand-off
12.2
±0.9mm
CAD Data
NC
NO
C
7.15
±0.4
2.8 max.
4.0
12.2
(OP)
(PT)
±0.9
8.8
(OP)
±0.8
Pretravel PT, Max.
2.8mm
Movement Differential MD, Max.
0.8mm
Overtravel OT, Min.
1.2mm
Operating
Position OP
Distance from
mounting hole
8.8
±0.8mm
Distance from
stand-off
12.2
±0.9mm
CAD Data
NC
NO
C
13.1 ±
0.4
3.5 max.
4.0
12.2
(OP)
(PT)
±1.3
8.8
(OP)
±1.2
Pretravel PT, Max.
3.5mm
Movement Differential MD, Max.
1.0mm
Overtravel OT, Min.
1.6mm
Operating
Position OP
Distance from
mounting hole
8.8
±1.2mm
Distance from
stand-off
12.2
±1.3mm
CAD Data
R2.5
NC
NO
C
6.3 ±0.4
2.8 max.
4.0
(PT)
15.05
(OP)
±0.9
11.65
(OP)
±0.8
Pretravel PT, Max.
2.8mm
Movement Differential MD, Max.
0.8mm
Overtravel OT, Min.
1.2mm
Operating
Position OP
Distance from
mounting hole
11.65
±0.8mm
Distance from
stand-off
15.05
±0.9mm
CAD Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com