Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B2425 Fiches technique(PDF) 4 Page - HAKKO Corporation

No de pièce B2425
Description  Desoldering Tool
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAKKO [HAKKO Corporation]
Site Internet  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

B2425 Fiches technique(HTML) 4 Page - HAKKO Corporation

  B2425 Datasheet HTML 1Page - HAKKO Corporation B2425 Datasheet HTML 2Page - HAKKO Corporation B2425 Datasheet HTML 3Page - HAKKO Corporation B2425 Datasheet HTML 4Page - HAKKO Corporation B2425 Datasheet HTML 5Page - HAKKO Corporation B2425 Datasheet HTML 6Page - HAKKO Corporation B2425 Datasheet HTML 7Page - HAKKO Corporation B2425 Datasheet HTML 8Page - HAKKO Corporation B2425 Datasheet HTML 9Page - HAKKO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
3
Loosen the adjusting screws to change the angle
of the handpiece receptacle as you like, then tighten
the screws.
4. INITIAL SETUP
A. Handpiece holder
First, remove any excess solder from the nozzle by
thrusting the nozzle into the cleaning wire. (Do not wipe
the nozzle against the wire. This may cause molten
solder to spatter.)
●
Operation
Following the instructions given in the illustration
on the right, assemble the handpiece holder.
1. Insert the holder assembly securely into the handpiece
holder base.
2. When the cleaning wire becomes dirty or loaded with
solder, turn the wire until a clean surface is presented.
3. When changing the cleaning wire, lift the top vertically
to prevent solder debris from falling out.
CAUTION
Do not set up the angle of the handpiece receptacle too high, or
the temperature of the handpiece will become very hot.
B. HAKKO FR-4001
●
Replacing the filter
Replace the filter as shown following steps
A to C. During operation, the filter pipe is
very hot. Wait until the filter pipe is cool
before replacing the filter or cleaning.
We recommend keeping a second filter
pipe containing new filters handy, and
replacing the installed filter pipe with this
secondary filter pipe.
B. Pull
A. Down
C. Replace the entire filter pipe with
a secondary filter pipe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36