Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XF-1024-FAR Fiches technique(PDF) 2 Page - Labfacility Ltd

No de pièce XF-1024-FAR
Description  ANSI Mineral Insulated Thermocouples with 1 Metre PFA Teflon® Insulated Flat Pair Cable and Tails
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LABFACILITY [Labfacility Ltd]
Site Internet  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

XF-1024-FAR Fiches technique(HTML) 2 Page - Labfacility Ltd

  XF-1024-FAR Datasheet HTML 1Page - Labfacility Ltd XF-1024-FAR Datasheet HTML 2Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
153/0617
Order codes:
Type ‘K’ – 310 stainless steel sheath:
Good corrosion & oxidation resistance to suit a wide range of processes, satisfactorily operates in sulphur
bearing atmospheres
Typical applications include brick & cement kilns, glass industry, heat treatment & annealing furnaces, power
stations, flues, heat exchangers etc.
T/C
Probe
Probe
Cable
Tails:
order
Type
Dia. (mm)
Length (mm) jacket
+pos/-neg
code
K
1.0
150
Yellow
Yellow/White
XF-1024-FAR
K
1.0
250
Yellow
Yellow/White
XF-1027-FAR
K
1.0
500
Yellow
Yellow/White
XF-1025-FAR
K
1.5
150
Yellow
Yellow/White
XF-1026-FAR
K
1.5
250
Yellow
Yellow/White
XF-1029-FAR
K
1.5
500
Yellow
Yellow/White
XF-1030-FAR
K
3.0
150
Yellow
Yellow/White
XF-1028-FAR
K
3.0
500
Yellow
Yellow/White
XF-1031-FAR
K
6.0
150
Yellow
Yellow/White
XF-1032-FAR



Html Pages

1 2