Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 5Page - STMicroelectronics ST10 Datasheet HTML 6Page - STMicroelectronics ST10 Datasheet HTML 7Page - STMicroelectronics ST10 Datasheet HTML 8Page - STMicroelectronics ST10 Datasheet HTML 9Page - STMicroelectronics ST10 Datasheet HTML 10Page - STMicroelectronics ST10 Datasheet HTML 11Page - STMicroelectronics ST10 Datasheet HTML 12Page - STMicroelectronics ST10 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
ST10F163
9/58
III - FUNCTIONAL DESCRIPTION
The architecture of the ST10F163 combines the
advantages of both RISC and CISC processors
and an advanced peripheral subsystem. The fol-
lowing block diagram gives an overview of the dif-
ferent on-chip components and of the advanced,
high bandwidth internal bus structure.
Figure 3 : Block diagram
OSC.
Port 6
Port 5
Port 3
Port 2
Ext.
Bus
Con-
troller
SSP
BRG
GPT1
T2
T3
T4
GPT2
T5
T6
ASC
(usart)
BRG
Internal
FLASH
Memory
CPU-Core
Internal
RAM
Watchdog
Interrupt Controller
16
16
8
8
8
15
6
32
16
PEC
16
16
16
16
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58