| Moteur de recherche de fiches techniques de composants électroniques |
|
ST10F163 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F163 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 58 page ![]() ST10F163 2/58 I INTRODUCTION ........................................................................................................ 4 II PIN DATA ............................................................................................................. 5 III FUNCTIONAL DESCRIPTION ................................................................................... 9 IV MEMORY ORGANIZATION ....................................................................................... 10 V FLASH MEMORY ...................................................................................................... 10 V.1 PROGRAMMING/ERASING WITH ST EMBEDDED ALGORITHM KERNEL ............ 11 V.1.1 Return values ............................................................................................................. 13 V.1.2 Programming examples .............................................................................................. 13 V.2 FLASH MEMORY CONFIGURATION......................................................................... 14 V.3 FLASH PROTECTION ............................... ................................................................. 14 VI EXTERNAL BUS CONTROLLER .............................................................................. 15 VI.1 PROGRAMMABLE CHIP SELECT TIMING CONTROL ............................................. 15 VII CENTRAL PROCESSING UNIT (CPU) ..................................................................... 17 VIII INTERRUPT SYSTEM ............................................................................................... 18 IX GENERAL PURPOSE TIMER (GPT) UNIT ........................................... .................... 20 IX.1 GPT1 ........................................................................................................................... 20 IX.2 GPT2 ........................................................................................................................... 20 X PARALLEL PORTS ............................................................................... .................... 23 XI SERIAL CHANNELS ................................................................................................. 23 XII WATCHDOG TIMER .................................................................................................. 25 XIII OSCILLATOR WATCHDOG (OWD) ......................................................................... 25 XIV INSTRUCTION SET SUMMARY ................................. .............................................. 26 XV SPECIAL FUNCTION REGISTER OVERVIEW ......................................................... 28 XVI ELECTRICAL CHARACTERISTICS ........ ................................................................. 31 XVI.1 ABSOLUTE MAXIMUM RATINGS ............. ................................................................. 31 XVI.2 PARAMETER INTERPRETATION.............................................................................. 31 XVI.3 DC CHARACTERISTICS ............................................................................................ 31 XVI.4 AC CHARACTERISTICS............................................................................................. 33 XVI.4.1 Test waveforms .......................................................................................................... 33 XVI.4.2 Definition of internal timing ......................................................................................... 34 XVI.4.3 Clock generation modes ............................................................................................. 34 XVI.4.4 Prescaler operation .................................................................................................... 35 XVI.4.5 Direct drive ................................................................................................................. 35 XVI.4.6 Oscillator Watchdog (OWD) ................................................................... .................... 35 TABLE OF CONTENTS Page |