Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC2850MP Fiches technique(PDF) 6 Page - Analog Devices

No de pièce LTC2850MP
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

LTC2850MP Fiches technique(HTML) 6 Page - Analog Devices

Back Button LTC2850MP Datasheet HTML 2Page - Analog Devices LTC2850MP Datasheet HTML 3Page - Analog Devices LTC2850MP Datasheet HTML 4Page - Analog Devices LTC2850MP Datasheet HTML 5Page - Analog Devices LTC2850MP Datasheet HTML 6Page - Analog Devices LTC2850MP Datasheet HTML 7Page - Analog Devices LTC2850MP Datasheet HTML 8Page - Analog Devices LTC2850MP Datasheet HTML 9Page - Analog Devices LTC2850MP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC2850/LTC2851/LTC2852
6
285012fe
For more information www.linear.com/LTC2850
TEST CIRCUITS
–
+
DRIVER
DI
GND
OR
VCC
R
285012 F01
Y
Z
R
VOC
–
+
VOD
Figure 1. Driver DC Characteristics
Figure 2. Driver Output Short-Circuit Current
Figure 3. Receiver Input Current and Input Resistance
Figure 4. Driver Timing Measurement
DRIVER
DI
GND
OR
VCC
285012 F02
Y
Z
+
–
IOSD
–7V TO 12V
+–
RECEIVER
285012 F03
A OR B
VIN
IIN
B OR A
VIN
IIN
RIN =
DRIVER
DI
RDIFF
CL
CL
285012 F04a
Y
Z
1/2 VO
90%
90%
0
0
10%
285012 F04b
10%
VO
VCC
Y, Z
DI
(Y-Z)
0V
tSKEWD
tPLHD
tRD
tFD
tPHLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com