Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N7002-7-F. Fiches technique(PDF) 4 Page - Multicomp Pro

No de pièce 2N7002-7-F.
Description  Small Signal MOSFET Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MULTICOMP [Multicomp Pro]
Site Internet  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N7002-7-F. Fiches technique(HTML) 4 Page - Multicomp Pro

  2N7002-7-F. Datasheet HTML 1Page - Multicomp Pro 2N7002-7-F. Datasheet HTML 2Page - Multicomp Pro 2N7002-7-F. Datasheet HTML 3Page - Multicomp Pro 2N7002-7-F. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page <4>
V1.0
11/09/19
Small Signal MOSFET Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Package Outline:
Plastic surface mounted package
SOT-23
Dim.
Min.
Max.
A
2.85
2.95
B
1.25
1.35
C
1 Typ.
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1 Typ.
K
2.35
2.45
Dimensions : Millimetres
Soldering Footprint:
Package Information:
Device
Package
Shipping
2N7002-7-F
SOT-23
3,000 / Tape & Reel
Dimensions : Millimetres
Part Number Table
Description
Part Number
Small Signal MOSFET Transistor
2N7002-7-F
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2 3 4