Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2010 Fiches technique(PDF) 57 Page - Microchip Technology

No de pièce DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Fiches technique(HTML) 57 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 53Page - Microchip Technology DSPIC30F2010 Datasheet HTML 54Page - Microchip Technology DSPIC30F2010 Datasheet HTML 55Page - Microchip Technology DSPIC30F2010 Datasheet HTML 56Page - Microchip Technology DSPIC30F2010 Datasheet HTML 57Page - Microchip Technology DSPIC30F2010 Datasheet HTML 58Page - Microchip Technology DSPIC30F2010 Datasheet HTML 59Page - Microchip Technology DSPIC30F2010 Datasheet HTML 60Page - Microchip Technology DSPIC30F2010 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 204 page
background image
TABLE 8-1:
dsPIC30F2010 PORT REGISTER MAP
TABLE 8-2:
INPUT CHANGE NOTIFICATION REGISTER MAP (BITS 15-0)
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISB
02C6
—
—
—
—
—
—
—
—
—
—
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
0000 0000 0011 1111
PORTB
02C8
—
—
—
—
—
—
—
—
—
—
RB5
RB4
RB3
RB2
RB1
RB0
0000 0000 0000 0000
LATB
02CA
—
—
—
—
—
—
—
—
—
—
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
0000 0000 0000 0000
TRISC
02CC
TRISC15
TRISC14
TRISC13
—
—
—
—
—
—
—
—
—
—
—
—
—
1110 0000 0000 0000
PORTC
02CE
RC15
RC14
RC13
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
LATC
02D0
LATC15
LATC14
LATC13
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
TRISD
02D2
—
—
—
—
—
—
—
—
—
—
—
—
—
—
TRISD1
TRISD0
0000 0000 0000 0111
PORTD
02D4
—
—
—
—
—
—
—
—
—
—
—
—
—
—
RD1
RD0
0000 0000 0000 0000
LATD
02D6
—
—
—
—
—
—
—
—
—
—
—
—
—
—
LATD1
LATD0
0000 0000 0000 0000
TRISE
02D8
—
—
—
—
—
—
—
TRISE8
—
—
TRISE5
TRISE4
TRISE3
TRISE2
TRISE1
TRISE0
0000 0001 0011 1111
PORTE
02DA
—
—
—
—
—
—
—
RE8
—
—
RE5
RE4
RE3
RE2
RE1
RE0
0000 0000 0000 0000
LATE
02DC
—
—
—
—
—
—
—
LATE8
—
—
LATE5
LATE4
LATE3
LATE2
LATE1
LATE0
0000 0000 0000 0000
TRISF
02DE
—
—
—
—
—
—
—
—
—
—
—
—
TRISF3
TRISF2
—
—
0000 0000 0000 1100
PORTF
02E0
—
—
—
—
—
—
—
—
—
—
—
—
RF3
RF2
—
—
0000 0000 0000 0000
LATF
02E2
—
—
—
—
—
—
—
—
—
—
—
—
LATF3
LATF2
—
—
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR Name Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
CNEN1
00C0
CN15IE
CN14IE
CN13IE
CN12IE
CN11IE
CN10IE
CN9IE
CN8IE
CN7IE
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000 0000 0000 0000
CNEN2
00C2
—
—
—
—
—
—
—
—
—
—
CN21IE
CN20IE
CN19IE
CN18IE
CN17IE
CN16IE
0000 0000 0000 0000
CNPU1
00C4 CN15PUE CN14PUE CN13PUE CN12PUE CN11PUE CN10PUE CN9PUE CN8PUE CN7PUE CN6PUE CN5PUE
CN4PUE
CN3PUE
CN2PUE
CN1PUE
CN0PUE 0000 0000 0000 0000
CNPU2
00C6
—
—
—
—
—
—
—
—
—
—
CN21PUE CN20PUE CN19PUE CN18PUE CN17PUE CN16PUE 0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More