Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

33444 Fiches technique(PDF) 21 Page - Wiha Tools

No de pièce 33444
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIHA [Wiha Tools]
Site Internet  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33444 Fiches technique(HTML) 21 Page - Wiha Tools

Back Button 33444 Datasheet HTML 17Page - Wiha Tools 33444 Datasheet HTML 18Page - Wiha Tools 33444 Datasheet HTML 19Page - Wiha Tools 33444 Datasheet HTML 20Page - Wiha Tools 33444 Datasheet HTML 21Page - Wiha Tools 33444 Datasheet HTML 22Page - Wiha Tools 33444 Datasheet HTML 23Page - Wiha Tools 33444 Datasheet HTML 24Page - Wiha Tools 33444 Datasheet HTML 25Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
6 Piece Hex Inch T-handle Set
Item
No.
Hex Inch:
lbs.
33490
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
1.66
1000Volt
5 Piece Hex Metric T-handle Set
Item
No.
Hex Metric:
lbs.
33478
4.0, 5.0, 6.0, 8.0, 10.0mm
1.20
1000Volt
21
334 Inch T-handle, With Wiha-Molded Handle Insulation According
to ASTM F-1505-01, New VDE Specification 0682/part 201, EN/IEC
60900, NFPA70E and CSA,
up to 1000 Volt. Individually Tested.
Blade CVM steel, hardened. Insulation molded directly onto blade.
Wiha-SoftFinish® handle, multi-component.
Item
No.
Inch
Inch
Inch
mm
lbs.
pkg.
33481
5/32
5.9
6.9
176
.09
10
33482
3/16
5.9
6.9
176
.15
10
33483
7/32
5.9
6.9
176
.19
10
33485
1/4
6.9
6.9
176
.20
10
33486
5/16
6.9
6.9
176
.26
10
33487
3/8
6.9
6.9
176
.44
10
Wiha Insulated T-handles
1000Volt
334 Metric T-handle, With Wiha-Molded Handle. Insulation
According to ASTM, VDE, EN/IEC, NFPA70E and CSA,
up to 1000
Volt. Individually Tested.
Item
No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
33441
4.0
150
5.9
176
6.9
.09
10
33443
5.0
150
5.9
176
6.9
.15
10
33445
6.0
150
5.9
176
6.9
.18
10
33447
8.0
150
5.9
176
6.9
.26
10
33449
10.0
150
5.9
176
6.9
.46
10
33490
33478
Blade CVM tool
steel, hardened to
average 58/60RC
Responds to OSHA’s use
specification 29 CFR1910
Insulation
Molded directly onto blade
for permanent bonding
Insulation Test Standards:
Insulation according to EN/IEC 60900, ASTM F-1505-01,
VDE 0682/part 201, DIN 7437, NFPA70E, CSA
Each tool individually
tested to 10,000 volts
and certified to 1000
Volt ac or 1500 Volt dc
1000V
1000Volt
Hex Metric Screwdriver, With Wiha-SoftFinish® Handle
Insulation According to ASTM F-1505-01, New VDE Specification
0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to
1000 Volt. Individually Tested. Blade high alloy CVM steel,
hardened, black finish. Insulation molded directly onto blade.
Wiha-SoftFinish® handle, multi-component, cushion grip.
Item
No.
Size mm
Inch
mm
Inch
lbs.
pkg.
32302
2.5
75
3.0
179
7.0
.06
10
32303
3.0
75
3.0
179
7.0
.08
10
32304
4.0
75
3.0
186
7.3
.12
10
32305
5.0
75
3.0
186
7.3
.15
10
32306
6.0
100
3.9
218
8.6
.21
10
32308
8.0
100
3.9
218
8.6
.34
10
323
1000Volt
Wiha Insulated Hex Mertic Screwdrivers
6 Piece Insulated Hex Metric Screwdriver Set
Item No. 32366
lbs.
Hex Metric: 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
1.06
32366
1000Volt
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com