| Moteur de recherche de fiches techniques de composants électroniques |
|
36971 Fiches technique(PDF) 14 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36971 Fiches technique(HTML) 14 Page - Wiha Tools |
|
14 / 44 page ![]() 14 13 Piece MagicRing Inch Ball End Screwdriver Set Hex blade Chrome-V-Moly, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component, cushion grip. Item No. Inch Inch Inch Inch lbs. 36791 36710* .050 3.0 36732 5/32 5.0 2.58 36713* 1/16 3.0 36734 3/16 6.0 36716* 5/64 4.0 36736 7/32 6.0 36719* 3/32 4.0 36738 1/4 6.0 36723* 7/64 4.0 36742 5/16 8.0 36726 1/8 4.0 36744 3/8 8.0 36728 9/64 4.0 * Standard Ball - No Ring 36791 8 Piece MagicRing Inch Ball End Screwdriver Set Hex blade Chrome-V-Moly, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component, cushion grip. Item No. Inch Inch Inch Inch lbs. 36793 36726 1/8 4.0 36736 7/32 6.0 2.25 36728 9/64 4.0 36738 1/4 6.0 36732 5/32 5.0 36742 5/16 8.0 36734 3/16 6.0 36744 3/8 8.0 36793 Cushioned grip and extra large diameter to achieve high torque Flat surfaces give roll-off protection molded on handle for permanent bond Hard Chrome Finish Screw Holding Hex Tools Wiha MagicRing SoftFinish® Hex Drivers Screw Holding 6 Piece MagicRing Inch Ball End Screwdriver Set Hex blade Chrome-V-Moly, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component, cushion grip. Item No. Inch Inch Inch Inch lbs. 36794 36726 1/8 4.0 36734 3/16 6.0 1.34 36728 9/64 4.0 36736 7/32 6.0 36732 5/32 5.0 36738 1/4 6.0 36794 Don’t Drop That Screw! Save Valuable Time! Improve Productivity! Make The Job Easy! MagicRing Ball End Hex-Driver Inch, With Wiha-SoftFinish® Handle Hex blade, Chrome-V-Moly, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component, cushion grip. 367 Item No. Inch Inch mm mm lbs. pkg. 36710* .050 3.1 80 179 .06 10 36713* 1/16 3.1 80 204 .06 10 36716* 5/64 3.9 100 204 .07 10 36719* 3/32 3.9 100 204 .07 10 36723* 7/64 3.9 100 211 .07 10 With MagicRing 36726 1/8 3.9 100 243 .12 10 36728 9/64 3.9 100 243 .12 10 36732 5/32 5.0 125 271 .12 10 36734 3/16 6.0 150 271 .16 10 36736 7/32 6.0 150 271 .23 10 36738 1/4 6.0 150 271 .25 10 36742 5/16 8.0 200 271 .37 10 36744 3/8 8.0 200 271 .54 10 * Standard Ball - No Ring Toll Free: (800) 494-6104 SHOP SHOP SHOP SHOP |