| Moteur de recherche de fiches techniques de composants électroniques |
|
36950 Fiches technique(PDF) 39 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36950 Fiches technique(HTML) 39 Page - Wiha Tools |
|
39 / 44 page ![]() Hex Metric Sockets 1/4” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. mm mm lbs. 71301 1.5 38 .04 71302 2.0 38 .04 71305 2.5 38 .04 71313 3.0 38 .04 71314 4.0 38 .04 71317 5.0 38 .05 71319 6.0 38 .05 71327 8.0 38 .05 71340 10.0 38 .05 713 Hex Metric Sockets 3/8” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. mm mm lbs. 71300 2.0 42 .09 71316 2.5 42 .09 71341 3.0 42 .09 71331 4.0 42 .09 71323 5.0 42 .09 71325 6.0 42 .09 71320 8.0 42 .10 71322 10.0 42 .11 713 Hex Metric Sockets 3/8” Square drive socket. Replaceable bit. 5/16” bits CVM steel. Item No. mm mm lbs. 71332 12.0 75 .22 713 Security Hex Inch Sockets 3/8 ” Square drive socket. 1/4” bits CVM steel. Item No. Inch mm lbs. 76164 5/64 42 .09 76165 3/32 42 .09 76166 7/64 42 .09 76167 1/8 42 .09 76168 9/64 42 .09 76169 5/32 42 .09 76170 3/16 42 .09 76171 7/32 42 .09 76172 1/4 42 .09 761 Hex Sockets 3/8 ” Square drive socket. Replaceable bit. 1/4” bits CVM tool steel. Item No. Inch mm lbs. 71375 1/8 42 .09 71377 9/64 42 .09 71379 5/32 42 .09 71381 3/16 42 .09 71383 7/32 42 .09 71385 1/4 42 .09 71388 5/16 42 .10 71390 3/8 42 .10 713 Ball End Hex Sockets 1/4 ” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. Inch mm lbs. 71761 3/32 38 .09 71762 7/64 38 .09 71763 1/8 38 .09 71764 9/64 38 .09 71765 5/32 38 .09 71766 3/16 38 .09 71767 7/32 38 .09 71768 1/4 38 .09 717 Replaceable bit 39 Ball End Hex Metric Sockets 1/4 ” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. mm mm lbs. 71771 1.5 51 .11 71772 2.0 51 .11 71773 2.5 51 .11 71774 3.0 51 .11 71775 4.0 51 .11 71776 5.0 51 .12 71777 6.0 51 .12 717 Wiha Sockets Security Hex Metric Sockets 3/8 ” Square drive socket. 1/4” bits CVM steel. Item No. mm mm lbs. 76132 2.0 42 .09 76133 2.5 42 .09 76134 3.0 42 .09 76135 4.0 42 .09 76136 5.0 42 .09 76137 6.0 42 .09 76138 8.0 42 .09 761 www.wihatools.com SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP |