Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

32541 Fiches technique(PDF) 8 Page - Wiha Tools

No de pièce 32541
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIHA [Wiha Tools]
Site Internet  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32541 Fiches technique(HTML) 8 Page - Wiha Tools

Back Button 32541 Datasheet HTML 4Page - Wiha Tools 32541 Datasheet HTML 5Page - Wiha Tools 32541 Datasheet HTML 6Page - Wiha Tools 32541 Datasheet HTML 7Page - Wiha Tools 32541 Datasheet HTML 8Page - Wiha Tools 32541 Datasheet HTML 9Page - Wiha Tools 32541 Datasheet HTML 10Page - Wiha Tools 32541 Datasheet HTML 11Page - Wiha Tools 32541 Datasheet HTML 12Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
Wiha
Proturn Screwdrivers
Screwdriver, With Wiha-Proturn Handle Blade high alloy CVM steel,
hardened, black finish. Molded on ergonomic Wiha-Proturn handle, impact resistant.
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
T6
50
2.0
3.5
.139
129
5.1
.05
10
T7
50
2.0
3.5
.139
129
5.1
.05
10
T8
60
2.4
3.5
.139
139
5.5
.06
10
T9
60
2.4
4.0
.157
149
5.8
.08
10
T10
80
3.1
4.0
.157
170
6.7
.10
10
T15
80
3.1
4.0
.157
170
6.7
.10
10
T20
100
3.9
4.0
.157
190
7.5
.11
10
T25
100
3.9
4.5
.177
190
7.5
.11
10
T27
115
4.5
5.5
.216
215
8.4
.11
10
T30
115
4.5
6.0
.236
215
8.4
.20
10
T40
130
5.1
7.0
.275
240
9.4
.28
10
T50
130
5.1
9.0
.354
240
9.4
.31
10
6 Pcs.
Set
Item
No.
T7, T8, T9,
lbs.
T10, T15, T20
.72
8 Pcs.
Set
Item
No.
T8, T9, T10, T15,
lbs.
T20, T25, T27, T30
1.07
Black finish
blades
High performance
tool steel
Through
hardened for
optimum wear resistance
Molded on
ergonomic handle
proportioned to
blade sizes
proturn
6 Pc. Set
With Wiha-
Powerhandle
Item No.
T6, T7, T8, T9,
lbs.
T10, T15
.78
Screwdriver, With Wiha-Powerhandle
CVM steel blade, hardened, hard chromed. Wiha-powerhandle cellulose-acetate.
Item
No.
Size
mm Inch
mm
Inch
mm
Inch
lbs.
pkg.
T5
50
2.0
2.5
.098
110
4.3
.03
10
T6
50
2.0
3.5
.139
125
4.9
.06
10
T7
50
2.0
3.5
.139
125
4.9
.06
10
T8
60
2.4
3.5
.139
135
5.3
.06
10
T9
60
2.4
4.0
.157
140
5.5
.09
10
T10
80
3.1
4.0
.157
170
6.7
.13
10
T15
80
3.1
4.0
.157
170
6.7
.13
10
T20
100 3.9
4.0
.157
200
7.9
.17
10
T25
100 3.9
4.5
.177
200
7.9
.18
10
T27
115 4.5
5.5
.216
215
8.5
.20
10
T30
115 4.5
6.0
.236
225
8.9
.28
10
Wiha Powerhandle
8 Pc. Set
With Wiha-
Powerhandle
Item No.
T6, T8, T10, T15,
lbs.
T20, T25, T27, T30
1.45
11 Pcs.
Set
Item
T6, T7, T8, T9,
No.
T10x80, T15, T20,
lbs.
T25, T27, T30, T40
2.2
Toll Free: (800) 494-6104
455
45505
45506
45511
45516
45521
45526
45531
45536
45541
45546
45551
45561
45591
45591
45592
45592
45589
45589
362
36205
36210
36212
36215
36220
36225
36230
36235
36240
36245
36250
36292
36293
36292
36293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40