| Moteur de recherche de fiches techniques de composants électroniques |
|
CWA-BASIC-R Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CWA-BASIC-R Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 6 page ![]() 4 mobileGT Bare Board** MPC5xx** Qorivva/5xxx MPC7448, MPC8xx, MPC82xx, MPC83xx, MPC85xx, MPC86xx, P1011, P1012, P2010 and P2020 Linux® Tools Classic Classic Classic Classic CodeWarrior Development Studio for mobileGT Processors (Classic, Windows) CodeWarrior Development Studio for MPC5xx, Professional Edition (Classic, Windows) CodeWarrior Development Studio for MPC55xx/MPC56xx Microcontrollers, Special Edition (Classic, Windows) CodeWarrior Development Studio for Power Architecture®, Linux Platform Edition (Classic, Linux/Windows) • (Evaluation Part Number: CWX-MGT-EX) • Full-featured, 30-day evaluation copies can be downloaded or ordered from freescale.com (Evaluation Part Number: CWX-MPC-5XX-EX) • Classic IDE • C compiler and C source-level debugger–code and data size restricted to 128 KB • P&E Flash programmer and debugger • CodeWarrior build tools can be used with Lauterbach and iSYSTEM debuggers and hardware (Part Number: CWS- MPC-5500-SE) • Full-featured, 30-day evaluation copies can be downloaded or ordered from freescale.com (Evaluation Part Numbers: CWX-PPC-LLAPP-EX and CWX-PPC- LINWH-EX) CodeWarrior Development Studio for mobileGT, Flash Loader Only (Classic, Windows) – – CodeWarrior Development Studio for Power Architecture, Linux Application Edition (Classic, Windows and Linux) • Classic IDE • Use CodeWarriorTAP to program flash on supported devices • Hardware diagnostics to perform memory, address and bus noise testing – – • Classic IDE • Supports GNU compiler collection • Ability to integrate alternative GNU compilers • Application debug with serial or networking connectivity • Full multithreading/multitasking application debugging • Individual control threads • Follow fork/child debugging • Full multiprocess debug from one IDE • Step one thread while all others are stopped • Process and thread list • Available on either Windows or Linux hosts – CodeWarrior Development Studio for MPC5xx, Debug Only Edition (Classic, Windows) CodeWarrior Development Studio for MPC55XX/MPC56XX, Standard Edition (Classic, Windows) CodeWarrior Development Studio for Power Architecture, Linux Platform Edition, Debug Only (Classic, Windows) – • Classic IDE • Unlimited C source-level debugger • Hardware breakpoints • Unlimited software breakpoints • Eventpoints • Classic IDE • Unlimited assembler • Unlimited C/C++ compiler and source-level debugger • P&E flash programmer and debugger • Profiler • OSEK kernel-aware debugging • PC-lint plug-in support • Classic IDE • Bare-board multicore support (no build tools) • U-boot (and other boot loaders) debug support • Create, load and debug Linux kernel modules • Concurrently debug multiple applications, process and threads • Modify source files while debugging (original is cached) • Browser support in the debugger • View the state of individual kernel threads • Examples available showing debugging applications and kernel modules • Integrated hardware diagnostics for board level testing • Integrated source code navigation • 2.6.x and 2.4.x Linux kernels are supported • Stack crawl and local variables view • Hardware and software breakpoints • Advanced process management and display CodeWarrior Development Studio for mobileGT, Professional Edition (Classic, Windows) CodeWarrior Development Studio for MPC5xx, Professional Edition (Classic, Windows) CodeWarrior Development Studio for MPC55XX/MPC56XX, Standard Edition (Classic, Windows) CodeWarrior Development Studio for Power Architecture, Linux Platform Edition (Classic, Linux) • Classic IDE • Unlimited assembler • Unlimited C/C++ compiler and debugger • GNU compiler support • Integrated flash programmer • Profiler • Code coverage • PC-lint plug-in • Classic IDE • Unlimited assembler • Unlimited C/C++ compiler and debugger • GNU compiler support • Integrated flash programmer • OSEK awareness • Profiler • Code coverage • PC-lint plug-in This product is included in the Standard Suite. See Standard Suite for product details. • Classic IDE • Concurrently debug multiple applications, process and threads • U-boot (and other boot loaders) debug support • Highly efficient C/C++ compiler with cutting-edge optimization technology for fast, compact code • Modify source files while debugging (original is cached) • Create, load and debug Linux kernel modules • View the state of individual kernel threads • 2.6.x and 2.4.x Linux kernels are supported • Examples available showing debugging applications and kernel modules • Browser support in the debugger • Integrated hardware diagnostics for board level testing • Integrated source code navigation • Source files can be modified while debugging • Stack crawl and local variables view • Hardware and software breakpoints • Advanced process management and display **This product is a 32-bit application. To install and use it on Windows 7 64-bit machines, see AN3936, “Installing CodeWarrior Classic on Windows 7 (64 bit)” Q1 2014 CodeWarrior Suites |