Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SO692 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce SO692
Description  SMALL SIGNAL PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO692 Fiches technique(HTML) 3 Page - STMicroelectronics

  SO692 Datasheet HTML 1Page - STMicroelectronics SO692 Datasheet HTML 2Page - STMicroelectronics SO692 Datasheet HTML 3Page - STMicroelectronics SO692 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
mils
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.85
1.1
33.4
43.3
B
0.65
0.95
25.6
37.4
C
1.20
1.4
47.2
55.1
D
2.80
3
110.2
118
E
0.95
1.05
37.4
41.3
F
1.9
2.05
74.8
80.7
G
2.1
2.5
82.6
98.4
H
0.38
0.48
14.9
18.8
L
0.3
0.6
11.8
23.6
M
0
0.1
0
3.9
N
0.3
0.65
11.8
25.6
O
0.09
0.17
3.5
6.7
0044616/B
SOT-23 MECHANICAL DATA
SO692
3/4



Html Pages

1 2 3 4