Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PVHC4 Fiches technique(PDF) 4 Page - E-SWITCH

No de pièce PVHC4
Description  PVHC4 Series Anti-vandal Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVHC4 Fiches technique(HTML) 4 Page - E-SWITCH

  PVHC4 Datasheet HTML 1Page - E-SWITCH PVHC4 Datasheet HTML 2Page - E-SWITCH PVHC4 Datasheet HTML 3Page - E-SWITCH PVHC4 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-switch.com
800.867.2717
4
PVHC4 Series Anti-vandal Switch
Illuminated Ring/
Power Symbol
Body Dimensions
Recommended Panel Cutout
SPDT LED Schematic
SHEET OF
3
3
PVHC4-Catalog Drawing 2/26/2024
TERMINAL 1
LED (-)
LED (+)
TERMINAL 2
19.00
- .00
.20
+
.748 -.000
.008
+
in
[
]
2.75
[.108 in]
.50
[.020 in]
5.4
[.21 in]
M19x1.0
18.30
[.720 in]
FLAT
4.75
[.187 in]
.70
[.028 in]
23.6
[.93 in]
2.00
[.08 in]
13.0
[.51 in]
13.00
[.51 in]
15.00
[
.59 in]
22.00
[
.866 in]
POWER SYMBOL/RING
ILLUMINATED
LED (FORWARD)
1
(-)
2
-
LED (REVERSE)
+
(+)
+
-
18.45
[.726 in]



Html Pages

1 2 3 4