| Moteur de recherche de fiches techniques de composants électroniques |
|
473203 Fiches technique(PDF) 4 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
473203 Fiches technique(HTML) 4 Page - Lapp. |
|
4 / 5 page ![]() 800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com 460 EPIC® Pin & Sleeve Connectors Male plugs mate with female connectors, panel-mounted receptacles, and switched-socket outlets. Male inlets mate with female connectors. Dimensional drawings can be found on the indicated pages and are the same for North American and international standards. Circuit wiring diagrams can be found on page 484. Additional configurations are available: see www.lappusa.com for a complete listing. IP44 IP67 16A Pin & Sleeve Connectors International Standard Male Plugs & Inlets Dimensional Data Plugs: page 463 Receptacles: page 464 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position IP67 IP44 IP67 IP44 IP67 16A Male Plugs Male Inlets 110 - 130 3 2+PE 4 477203 700124 710124 477202 476203 200 - 250 3 2+PE 6 477303 700126 710126 477302 476303 200 - 250 4 3+PE 9 477313 700139 — 477312 476313 200 - 250 5 3+N+PE 9 477323 700149 — 477322 476323 380 - 415 4 3+PE 6 477413 700136 710136 477412 476413 380 - 415 5 3+N+PE 6 477423 700146 710146 477422 476423 Female Connectors & Receptacles Dimensional Data Connectors: page 464 Receptacles: page 465 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position IP67 IP44 IP67 IP67 IP44 IP44 16A Female Connectors Female Receptacles 110 - 130 3 2+PE 4 473203 720124 730124 471263 431611 471262 200 - 250 3 2+PE 6 473303 720126 730126 471363 431622 471362 200 - 250 4 3+PE 9 473313 720139 — 471373 441622 471372 200 - 250 5 3+N+PE 9 473323 720149 — 471333 451622 471332 380 - 415 4 3+PE 6 473413 720136 730136 471473 441638 471472 380 - 415 5 3+N+PE 6 473423 720146 730146 471483 451638 471482 Switched-Socket Outlets Dimensional Data page 466 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position With Fuse Holder IP66/67 Direct Connect IP67 16A EPIC® ULYSSE EPIC® ALUPRES 110 - 130 3 2+PE 4 400124 460124 200 - 250 3 2+PE 6 400126 460126 200 - 250 4 3+PE 9 400139 460139 200 - 250 5 3+N+PE 9 400149 — 380 - 415 4 3+PE 6 400136 460136 380 - 415 5 3+N+PE 6 400146 460146 |