| Moteur de recherche de fiches techniques de composants électroniques |
|
ADAPT/FMEM/FMEF Fiches technique(PDF) 1 Page - Siretta Limited. |
|
|
|||||||||||||||||||||||||||||
ADAPT/FMEM/FMEF Fiches technique(HTML) 1 Page - Siretta Limited. |
|
1 / 5 page ![]() 69 We have a range of high quality connector and adaptor products suitable for the production of new cable assemblies, the re-termination of existing cables, or for providing compatibility to existing cables or equipment. About RF Connectors and Adaptors Connector products are offered in the popular SMA, FME and MMCX styles for RG58 and RG174 cable types. All connectors are designed for crimp termination ensuring a reliable and high performance connection for a variety of wireless applications. Adaptors are suitable for extending or joining cable runs or equipment terminated with alternative connector types, avoiding the need to re-terminate or change the existing installation. Adaptors may be used either as a temporary solution to provide compatibility, or for permanent installation into a working system. RF Connectors RF Adaptors For more information contact: +44 (0)118 976 9014 |
Numéro de pièce similaire - ADAPT/FMEM/FMEF |
|
Description similaire - ADAPT/FMEM/FMEF |