Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

620405 Fiches technique(PDF) 2 Page - Lapp.

No de pièce 620405
Description  ÖLFLEX® 190/190 CY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPP [Lapp.]
Site Internet  https://e.lapp.com/us/
Logo LAPP - Lapp.

620405 Fiches technique(HTML) 2 Page - Lapp.

  620405 Datasheet HTML 1Page - Lapp. 620405 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
31
ÖLFLEX®
Flexible Power & Control Cable
Recommended SKINTOP® assumes minimal OD variance. Additional configurations are available; please see our SKINTOP® section.
If not otherwise specified, all values relating to the product are nominal values. For current information go to our website.
UL/CSA PVC Cable
ÖLFLEX® 190
ÖLFLEX® 190 CY
Part
Number
Number of
Conductors
(incl. ground)
Nominal Outer
Diameter
Copper
Weight
Approx.
Weight
SKINTOP®
Non-Metallic
PG Thread
(in)
(mm)
(lbs/mft)
(lbs/mft)
20 AWG (0.50 mm²)
602002**
2
0.253
6.4
7
40
S1109
602003
3
0.265
6.7
10
42
S1109
602004
4
0.285
7.2
13
51
S1111
602005
5
0.308
7.8
17
60
S1111
602007
7
0.331
8.4
23
82
S1111
602009
9
0.409
10.4
30
100
S1113
602012
12
0.421
10.7
39
168
S1113
602018
18
0.487
12.4
59
198
S1116
602025
25
0.586
14.9
82
242
S1121
18 AWG (1.00 mm²)
601802**
2
0.277
7.0
13
42
S1111
601803
3
0.291
7.4
20
44
S1111
601803NG
3
0.291
7.4
20
44
S1111
601804
4
0.314
8.0
26
55
S1111
601805
5
0.340
8.6
33
64
S1111
601807
7
0.367
9.3
46
84
S1111
601809
9
0.454
11.5
59
119
S1113
601812
12
0.471
12.0
79
141
S1116
601818
18
0.579
14.7
118
207
S1121
601825
25
0.656
16.7
164
278
S1121
601834
34
0.937
23.8
206
575
S1129
621834*
34
0.783
19.9
232
475
S1129
601841
41
1.041
26.4
250
680
S1136
621841*
41
0.846
21.5
289
541
S1129
601850
50
1.092
27.7
305
825
S1136
621850*
50
0.961
24.4
336
697
S1129
16 AWG (1.50 mm²)
601602**
2
0.303
7.7
20
57
S1111
601603
3
0.319
8.1
29
62
S1111
601604
4
0.345
8.8
39
75
S1111
601605
5
0.375
9.5
49
90
S1111
601607
7
0.406
10.3
68
121
S1113
601609
9
0.509
12.9
88
174
S1116
601612
12
0.557
14.1
112
209
S1121
601618
18
0.644
16.4
175
298
S1121
601625
25
0.733
18.6
242
417
S1129
601634
34
1.020
25.9
296
760
S1136
621634*
34
0.925
23.5
339
652
S1129
601641
41
1.101
28.0
357
875
S1136
Part
Number
Number of
Conductors
(incl. ground)
Nominal Outer
Diameter
Copper
Weight
Approx.
Weight
SKINTOP®
Non-Metallic
PG Thread
(in)
(mm)
(lbs/mft)
(lbs/mft)
621641*
41
0.988
25.1
407
768
S1136
601650
50
1.192
30.3
437
1020
S1136
621650*
50
1.079
27.4
504
911
S1136
601661
61
1.265
32.1
530
1180
S1248
621661*
61
1.142
29.0
591
1036
S1136
14 AWG (2.50 mm²)
601402**
2
0.337
8.6
33
88
S1111
601403
3
0.356
9.0
49
93
S1111
601404
4
0.386
9.8
65
121
S1113
601405
5
0.421
10.7
81
145
S1113
601407
7
0.457
11.6
113
192
S1113
601409
9
0.609
15.5
145
317
S1121
601412
12
0.628
16.0
194
401
S1121
601418
18
0.729
18.5
290
575
S1129
601425
25
0.872
22.1
404
860
S1129
12 AWG (4 mm²)
601203
3
0.417
10.6
78
156
S1113
601204
4
0.454
11.5
104
198
S1113
601205
5
0.497
12.6
129
238
S1116
601207
7
0.573
14.6
181
363
S1121
601211
11
0.745
18.9
284
397
S1129
10 AWG (6 mm²)
601003
3
0.492
12.5
116
223
S1116
601004
4
0.570
14.5
155
267
S1121
601005
5
0.623
15.8
194
322
S1121
8 AWG (10 mm²)
600804
4
0.695
17.7
258
436
S1129
600805
5
0.764
19.4
323
525
S1129
6 AWG (16 mm²)
600604
4
0.870
22.1
413
699
S1129
600605
5
0.955
24.3
516
842
S1129
4 AWG (25 mm²)
600404†
4
1.118
28.4
515
950
S1136
620404*
4
0.976
24.8
646
863
S1136
600405†
5
1.228
31.2
645
1200
S1248
620405*
5
1.094
27.8
807
1105
S1136
2 AWG (35 mm²)
600204†
4
1.292
32.8
876
1405
S1248
620204*
4
1.091
27.7
904
1165
S1136
600205†
5
1.422
36.1
1129
1752
S1142
Part
Number
Number of
Conductors
(incl. ground)
Nominal Outer
Diameter
Copper
Weight
Approx.
Weight
SKINTOP®
MS-SC
PG Thread
(in)
(mm)
(lbs/mft)
(lbs/mft)
20 AWG (0.50 mm²)
602002CY**
2
0.329
8.4
25
66
53112220
602003CY
3
0.341
8.7
30
82
53112220
602004CY
4
0.361
9.2
35
88
53112220
602005CY
5
0.384
9.8
41
99
53112230
602007CY
7
0.407
10.3
51
112
53112230
602012CY
12
0.497
12.6
73
181
53112240
602025CY
25
0.678
17.2
139
295
53112260
18 AWG (1.00 mm²)
601802CY**
2
0.353
9.0
28
75
53112220
601803CY
3
0.367
9.3
40
82
53112230
601804CY
4
0.390
9.9
48
106
53112230
601805CY
5
0.416
10.6
57
123
53112230
601807CY
7
0.443
11.3
94
139
53112240
601812CY
12
0.586
14.9
153
229
53112250
601818CY
18
0.678
17.2
216
317
53112260
601825CY
25
0.764
19.4
226
436
53112260
16 AWG (1.50 mm²)
601603CY
3
0.395
10.0
52
115
53112230
601604CY
4
0.421
10.7
66
128
53112230
601605CY
5
0.451
11.5
76
150
53112240
601607CY
7
0.482
12.2
98
181
53112240
601612CY
12
0.656
16.7
167
311
53112250
601618CY
18
0.743
18.9
235
456
53112260
601625CY
25
0.897
22.8
313
639
53112260
Part
Number
Number of
Conductors
(incl. ground)
Nominal Outer
Diameter
Copper
Weight
Approx.
Weight
SKINTOP®
MS-SC
PG Thread
(in)
(mm)
(lbs/mft)
(lbs/mft)
14 AWG (2.50 mm²)
601403CY
3
0.432
11.0
75
148
53112230
601404CY
4
0.462
11.7
93
181
53112240
601405CY
5
0.497
12.6
115
218
53112240
601407CY
7
0.572
14.5
147
282
53112250
601412CY
12
0.736
18.7
253
516
53112260
601418CY
18
0.905
23.0
361
741
53112260
12 AWG (4 mm²)
601203CY
3
0.500
12.7
124
227
53112240
601204CY
4
0.585
14.9
154
311
53112250
601205CY
5
0.628
16.0
180
359
53112250
601207CY
7
0.672
17.1
234
494
53112260
10 AWG (6 mm²)
601003CY
3
0.623
15.8
164
311
53112250
601004CY
4
0.669
17.0
208
386
53112250
601005CY
5
0.731
18.6
255
474
53112260
601007CY
7
0.786
20.0
335
639
53112260
8 AWG (10 mm²)
600804CY
4
0.803
20.4
324
574
53112260
6 AWG (16 mm²)
600604CY
4
0.994
25.2
494
1115
53112270
4 AWG (25 mm²)
620404CY*
4
1.133
28.8
777
1153
53112270
2 AWG (35 mm²)
620204CY*
4
1.247
31.7
1051
1987
53112270
* Part numbers are not MTW
** 2c cable does not include ground
* Part numbers are not MTW
** 2c cable does not include ground
†
4 AWG cable is built with 21 mm² cross-section. 2 AWG cable is built with 33.7 mm² cross-section



Html Pages

1 2