| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52811-QCAA-R Fiches technique(PDF) 69 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R Fiches technique(HTML) 69 Page - Nordic Semiconductor |
|
69 / 444 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_DONE Calibration of LFCLK RC oscillator complete event NotGenerated 0 Event not generated Generated 1 Event generated 5.4.3.11 EVENTS_CTTO Address offset: 0x110 Calibration timer timeout Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CTTO Calibration timer timeout NotGenerated 0 Event not generated Generated 1 Event generated 5.4.3.12 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW HFCLKSTARTED Write '1' to enable interrupt for event HFCLKSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW LFCLKSTARTED Write '1' to enable interrupt for event LFCLKSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW DONE Write '1' to enable interrupt for event DONE Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW CTTO Write '1' to enable interrupt for event CTTO Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 5.4.3.13 INTENCLR Address offset: 0x308 Disable interrupt 4454_140 v1.0 69 |